Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB611 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSB611
Description  Low-power, rail-to-rail output, 36 V operational amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB611 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSB611 Datasheet HTML 2Page - STMicroelectronics TSB611 Datasheet HTML 3Page - STMicroelectronics TSB611 Datasheet HTML 4Page - STMicroelectronics TSB611 Datasheet HTML 5Page - STMicroelectronics TSB611 Datasheet HTML 6Page - STMicroelectronics TSB611 Datasheet HTML 7Page - STMicroelectronics TSB611 Datasheet HTML 8Page - STMicroelectronics TSB611 Datasheet HTML 9Page - STMicroelectronics TSB611 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
TSB611
6/24
DocID028074 Rev 1
Table 4: Electrical characteristics at Vcc+ = 12 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25 °C,
and RL = 10 kΩ connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-1
1
mV
-40 °C < T< 125 °C
-1.6
1.6
ΔVio/ΔT
Input offset voltage drift
-40 °C < T< 125 °C
1.6
6
μV/°C
Iio
Input offset current
1
5
nA
-40 °C < T< 125 °C
15
Iib
Input bias current
5
10
-40 °C < T< 125 °C
15
CMR
Common mode rejection
ratio: 20 log (ΔVicm/ΔVio)
Vicm = 0 V to Vcc+ - 1 V,
Vout = Vcc/2
95
126
dB
-40 °C < T< 12 5°C
90
SVR
Supply voltage rejection
ratio:
20 log (ΔVcc/ΔVio)
Vcc = 2.8 to 12 V
95
124
-40 °C < T< 125 °C
90
Avd
Large signal voltage gain
Vout = 0.5 V to (Vcc+ - 0.5 V)
105
115
-40 °C < T< 125 °C
100
VOH
High level output voltage
drop from Vcc+
37
60
mV
-40 °C < T< 125 °C
65
VOL
Low level output voltage
56
65
-40 °C < T< 125 °C
75
Iout
Isink
Vout = Vcc
24
35
mA
-40 °C < T< 125 °C
10
Isource
Vout = 0 V
28
40
-40 °C < T< 125 °C
10
ICC
Supply current
(per channel)
No load, Vout = Vcc/2
97
115
µA
-40 °C < T< 125 °C
130
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
510
kHz
Fu
Unity gain frequency
RL = 10 kΩ, CL = 100 pF
460
Фm
Phase margin
RL = 10 kΩ, CL = 100 pF
60
Degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
18
dB
SR+
Positive slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.13
0.19
V/μs
SR-
Negative slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.11
0.15
en
Equivalent input noise
voltage
f = 1 kHz
31
nV/√Hz
f = 10 kHz
30
THD+N
Total harmonic distortion +
noise
fin = 1 kHz, Gain = 1, RL = 100 kΩ,
Vicm = (Vcc - 1 V)/2, BW = 22 kHz,
Vout = 2 Vpp
0.004
%


Similar Part No. - TSB611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
More results

Similar Description - TSB611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
[Old version datasheet]   36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
   Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com