Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN230 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 4 Page - STMicroelectronics

  STSPIN230 Datasheet HTML 1Page - STMicroelectronics STSPIN230 Datasheet HTML 2Page - STMicroelectronics STSPIN230 Datasheet HTML 3Page - STMicroelectronics STSPIN230 Datasheet HTML 4Page - STMicroelectronics STSPIN230 Datasheet HTML 5Page - STMicroelectronics STSPIN230 Datasheet HTML 6Page - STMicroelectronics STSPIN230 Datasheet HTML 7Page - STMicroelectronics STSPIN230 Datasheet HTML 8Page - STMicroelectronics STSPIN230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
List of figures
STSPIN230
4/22
DocID029312 Rev 4
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Typical application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Overcurrent and short-circuit protections management . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
Disable time versus REN and CEN values (VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Disable time versus REN and CEN values (VDD = 1.8 V) . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 7.
Thermal shutdown management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Power stage resistance versus supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 9.
Power stage resistance versus temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
Overcurrent threshold versus supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
VFQFPN 3x3x1.0 16L package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
VFQFPN 3x3x1.0 16L recommended footprint. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20


Similar Part No. - STSPIN230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
   Low voltage three phase and three sense motor driver
January 2018
More results

Similar Description - STSPIN230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
Qorvo, Inc
PAC5524 QORVO-PAC5524 Datasheet
1Mb / 89P
   High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
logo
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
   MODULES FOR BLDC MOTORS
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
   Dual Half Bridge Motor Driver
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
   Dual Half Bridge Motor Driver
logo
Toshiba Semiconductor
TD62M3704F TOSHIBA-TD62M3704F Datasheet
268Kb / 6P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER FOR MOTOR
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com