Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN230 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN230 Datasheet HTML 2Page - STMicroelectronics STSPIN230 Datasheet HTML 3Page - STMicroelectronics STSPIN230 Datasheet HTML 4Page - STMicroelectronics STSPIN230 Datasheet HTML 5Page - STMicroelectronics STSPIN230 Datasheet HTML 6Page - STMicroelectronics STSPIN230 Datasheet HTML 7Page - STMicroelectronics STSPIN230 Datasheet HTML 8Page - STMicroelectronics STSPIN230 Datasheet HTML 9Page - STMicroelectronics STSPIN230 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical data
STSPIN230
6/22
DocID029312 Rev 4
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
2.3
Thermal data
Table 1. Absolute maximum ratings
Symbol
Parameter
Test
condition
Value
Unit
VS
Supply voltage
-0.3 to 11
V
VIN
Logic input voltage
-0.3 to 5.5
V
VOUT - VSENSE Output to sense voltage drop
up to 12
V
VS - VOUT
Supply to output voltage drop
up to 12
V
VSENSE
Sense pins voltage
-1 to 1
V
IOUT,RMS
Continuous power stage output current (each bridge)
1.3
Arms
Tj,OP
Operative junction temperature
-40 to 150
°C
Tj,STG
Storage junction temperature
-55 to 150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Test condition Min. Typ. Max. Unit
VS
Supply voltage
1.8
10
V
VIN
Logic input voltage
0
5
V
tINw
Logic inputs positive/negative pulse width
300
ns
Table 3. Thermal data
Symbol
Parameter
Conditions
Value Unit
RthJA
Junction to ambient thermal resistance
Natural convection, according to
JESD51-2a(1)
1. Simulated on a 21.2 x 21.2 mm board, 2s2p 1 Oz copper and four 300
m vias below exposed pad.
57.1
°C/W
RthJCtop
Junction to case thermal resistance
(top side)
Simulation with cold plate on
package top
67.3
°C/W
RthJCbot
Junction to case thermal resistance
(bottom side)
Simulation with cold plate on
exposed pad
9.1
°C/W
RthJB
Junction to board thermal resistance
According to JESD51-8(1)
23.3
°C/W
JT
Junction to top characterization
According to JESD51-2a(1)
3.3
°C/W
JB
Junction to board characterization
According to JESD51-2a(1)
22.6
°C/W


Similar Part No. - STSPIN230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
   Low voltage three phase and three sense motor driver
January 2018
More results

Similar Description - STSPIN230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
Qorvo, Inc
PAC5524 QORVO-PAC5524 Datasheet
1Mb / 89P
   High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
logo
TRINAMIC Motion Control...
TMCM-1640 TRINAMIC-TMCM-1640 Datasheet
547Kb / 16P
   MODULES FOR BLDC MOTORS
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
   Dual Half Bridge Motor Driver
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
   Dual Half Bridge Motor Driver
logo
Toshiba Semiconductor
TD62M3704F TOSHIBA-TD62M3704F Datasheet
268Kb / 6P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER FOR MOTOR
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com