Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP11N60DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP11N60DM2
Description  N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11N60DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP11N60DM2 Datasheet HTML 4Page - STMicroelectronics STP11N60DM2 Datasheet HTML 5Page - STMicroelectronics STP11N60DM2 Datasheet HTML 6Page - STMicroelectronics STP11N60DM2 Datasheet HTML 7Page - STMicroelectronics STP11N60DM2 Datasheet HTML 8Page - STMicroelectronics STP11N60DM2 Datasheet HTML 9Page - STMicroelectronics STP11N60DM2 Datasheet HTML 10Page - STMicroelectronics STP11N60DM2 Datasheet HTML 11Page - STMicroelectronics STP11N60DM2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STP11N60DM2
Revision history
DocID029388 Rev 1
11/12
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
17-Jun-2016
1
First release.


Similar Part No. - STP11N60DM2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP11N60 VBSEMI-STP11N60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STP11N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
STP13N60DM2 STMICROELECTRONICS-STP13N60DM2 Datasheet
458Kb / 13P
   N-channel 600 V, 0.310 廓 typ., 11 A MDmesh??DM2 Power MOSFET in a TO-220 package
November 2018
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
   N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
STD5N60DM2 STMICROELECTRONICS-STD5N60DM2 Datasheet
817Kb / 15P
   N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
   N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
   N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
   N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
June 2019 Rev 5
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
   N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
   N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com