Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F301X6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F301X6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 6Page - STMicroelectronics STM32F301X6 Datasheet HTML 7Page - STMicroelectronics STM32F301X6 Datasheet HTML 8Page - STMicroelectronics STM32F301X6 Datasheet HTML 9Page - STMicroelectronics STM32F301X6 Datasheet HTML 10Page - STMicroelectronics STM32F301X6 Datasheet HTML 11Page - STMicroelectronics STM32F301X6 Datasheet HTML 12Page - STMicroelectronics STM32F301X6 Datasheet HTML 13Page - STMicroelectronics STM32F301X6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
Description
STM32F301x6 STM32F301x8
10/135
DocID025146 Rev 6
2
Description
The STM32F301x6/8 family is based on the high-performance ARM® Cortex®-M4
32-bit RISC core operating at a frequency of up to 72 MHz and embedding a floating point
unit (FPU). The family incorporates high-speed embedded memories (up to 64 Kbytes of
Flash memory, 16 Kbytes of SRAM), and an extensive range of enhanced I/Os and
peripherals connected to two APB buses.
The devices offer a fast 12-bit ADC (5 Msps), three comparators, an operational amplifier,
up to 18 capacitive sensing channels, one DAC channel, a low-power RTC, one general-
purpose 32-bit timer, one timer dedicated to motor control, and up to three general-purpose
16-bit timers, and one timer to drive the DAC. They also feature standard and advanced
communication interfaces: three I2Cs, up to three USARTs, up to two SPIs with multiplexed
full-duplex I2S, and an infrared transmitter.
The STM32F301x6/8 family operates in the –40 to +85°C and –40 to +105°C temperature
ranges from at a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F301x6/8 family offers devices in 32-, 48-, 49- and 64-pin packages.
The set of included peripherals changes with the device chosen.


Similar Part No. - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302 STMICROELECTRONICS-STM32F302 Datasheet
2Mb / 133P
   ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
STM32F302C6 STMICROELECTRONICS-STM32F302C6 Datasheet
1Mb / 138P
   Reset and power management
July 2016 Rev 6
STM32F302C6 STMICROELECTRONICS-STM32F302C6 Datasheet
2Mb / 139P
   Arm짰 Cortex짰-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
March 2020
STM32F302C8 STMICROELECTRONICS-STM32F302C8 Datasheet
1Mb / 138P
   Reset and power management
July 2016 Rev 6
STM32F302C8 STMICROELECTRONICS-STM32F302C8 Datasheet
2Mb / 139P
   Arm짰 Cortex짰-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
March 2020
More results

Similar Description - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F318C8 STMICROELECTRONICS-STM32F318C8 Datasheet
1Mb / 125P
   ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
STM32F302X6 STMICROELECTRONICS-STM32F302X6_V01 Datasheet
2Mb / 139P
   Arm짰 Cortex짰-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
March 2020
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
   32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
STMicroelectronics
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
   ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
STM32L052X6 STMICROELECTRONICS-STM32L052X6 Datasheet
1Mb / 136P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
   ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
logo
NXP Semiconductors
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com