Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1K0PH25R0KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TA1K0PH25R0KE
Description  High Energy Rating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TA1K0PH25R0KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TA1K0PH25R0KE Datasheet HTML 1Page - Ohmite Mfg. Co. TA1K0PH25R0KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
144
TAP1000 & 2000
1000 & 2000 Watt Heat Sinkable Planar
Resistor Element Thick Film on Alumina
Substrate
Power Rating 1000W or 2000W at
85°C mounting plate
Resistance Values 0.5Ω to 1000Ω
Resistance Tolerance +10% std.
Max Operating Voltage 2000VDC
Temperature Coefficient ± 250 PPM/°C
Dielectric Strength 6KV standard
Operating Temperature
Range
-55°C to 85°C
Terminal Screws #10-32
Max Contacts Torque 10 in-lb
Mounting Screws #8-32
Max Mounting Torque 15 in-lb
Creepage Distance 50mm ± 1mm (min)
100
Bottom of base plate Temperature,
°C
60
20
0
150
80
40
25
100
125
0
50
85
Rating
Test
Continuous
Pulse
Rated Power, max. current and heat sink plate
temperature limited
(TA1K0) 1000W
(TA2K0) 2000W
Operating Voltage √P*R
N/A
Max. Applied Voltage, ohms law limited 223V
2000VDC
Max. Current 10A
53.33A
Critical Resistance; below this resistance max
power has to be de-rated due to exceeding max
current
(TA1K0) 10Ω
(TA2K0) 20Ω
Test
Method
Maximum ∆R
Short Time
Overload
1.14 x √P*R / 10 sec @ 70°C
Max % ∆Rsto =
±(2% + 0.05Ω)
Moisture
Resistance
(TA1K0) 1000 hrs @ 40°C, 90-95% RH
(TA2K0) 1750 hrs @ 40°C, 90-95% RH
≤1%
≤1%
Thermal Shock MIL-STD-202, Method 107
MIL-STD-202,
Method 107
Vibration, elec. MIL-STD-202, Method 201
±2% Resistance
Vibration, mech. MIL-STD-202, Method 201
No Loose
Terminal Screws
Load Life (TA1K0) 1000 Hrs 90 min ON / 30 min OFF
(TA2K0) 1750 Hrs 90 min ON / 30 min OFF
≤1%
≤1%
Pulse Tolerance 52µF @ 2KV / 60 sec intervals, 104J,
20,000 Pulses
≤1%
Dielectric
Strength
6KVDC for 1 minute
≤1%
The TAP series delivers
1000W or 2000W of contin-
uous power when properly
mounted to a liquid cooled
heat sink (based on 85°C
mounting plate tempera-
ture)
Applications include
power conditioning, power
distribution, power conver-
sion, and power control.
Fe A T ures
• High Energy Rating
• Low Inductance
• Resistor Element Electrically Isolated
• High Dielectric Strength
• Small Footprint
A PP lic A T ions
• Power semiconductor balancing
• Motor control
• Inrush Current Limiting
ch A r A c T eris T ics
Derating
(continued)


Similar Part No. - TA1K0PH25R0KE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA1K0PH25R0KE OHMITE-TA1K0PH25R0KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
More results

Similar Description - TA1K0PH25R0KE

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
TLP-93111-A TADIRN-TLP-93111-A Datasheet
288Kb / 1P
   High energy
TLP-93311-A TADIRN-TLP-93311-A Datasheet
309Kb / 1P
   High energy
TLP-97311-A TADIRN-TLP-97311-A Datasheet
276Kb / 1P
   High energy
TLP-92111-A TADIRN-TLP-92111-A Datasheet
290Kb / 1P
   High energy
TLP-96111-A TADIRN-TLP-96111-A Datasheet
258Kb / 1P
   High energy
TLP-96311-A TADIRN-TLP-96311-A Datasheet
272Kb / 1P
   High energy
TLP-97111-A TADIRN-TLP-97111-A Datasheet
274Kb / 1P
   High energy
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-92311-A TADIRN-TLP-92311-A Datasheet
313Kb / 1P
   High energy
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com