Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD40H100S Datasheet(PDF) 4 Page - STMicroelectronics

Part # FERD40H100S
Description  100 V field-effect rectifier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100S Datasheet(HTML) 4 Page - STMicroelectronics

  FERD40H100S Datasheet HTML 1Page - STMicroelectronics FERD40H100S Datasheet HTML 2Page - STMicroelectronics FERD40H100S Datasheet HTML 3Page - STMicroelectronics FERD40H100S Datasheet HTML 4Page - STMicroelectronics FERD40H100S Datasheet HTML 5Page - STMicroelectronics FERD40H100S Datasheet HTML 6Page - STMicroelectronics FERD40H100S Datasheet HTML 7Page - STMicroelectronics FERD40H100S Datasheet HTML 8Page - STMicroelectronics FERD40H100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
FERD40H100S
4/12
DocID029155 Rev 1
Figure 7: Thermal resistance junction to ambient versus copper surface under tab for D²PAK (typical
values)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, eCU= 35 µm


Similar Part No. - FERD40H100S

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60CG-TR STMICROELECTRONICS-FERD40L60CG-TR Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40M45C STMICROELECTRONICS-FERD40M45C Datasheet
169Kb / 10P
   Low forward voltage drop
FERD40U45C STMICROELECTRONICS-FERD40U45C Datasheet
169Kb / 10P
   Low forward voltage drop
November 2013 Rev 1
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
More results

Similar Description - FERD40H100S

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20M60 STMICROELECTRONICS-FERD20M60 Datasheet
156Kb / 8P
   Field effect rectifier
June 2015 Rev 2
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
   Field effect rectifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
KEC(Korea Electronics)
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com