Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD40H100S Datasheet(PDF) 12 Page - STMicroelectronics

Part No. FERD40H100S
Description  100 V field-effect rectifier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button FERD40H100S Datasheet HTML 4Page - STMicroelectronics FERD40H100S Datasheet HTML 5Page - STMicroelectronics FERD40H100S Datasheet HTML 6Page - STMicroelectronics FERD40H100S Datasheet HTML 7Page - STMicroelectronics FERD40H100S Datasheet HTML 8Page - STMicroelectronics FERD40H100S Datasheet HTML 9Page - STMicroelectronics FERD40H100S Datasheet HTML 10Page - STMicroelectronics FERD40H100S Datasheet HTML 11Page - STMicroelectronics FERD40H100S Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
FERD40H100S
12/12
DocID029155 Rev 1
IMPORTANT NOTICE
– PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and
improvements to ST products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST
products before placing orders. ST products are sold pursuant to ST’s terms and conditions of sale in place at the time of order
acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the
design of Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. All other product or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2016 STMicroelectronics
– All rights reserved


Similar Part No. - FERD40H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60CG-TR STMICROELECTRONICS-FERD40L60CG-TR Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40M45C STMICROELECTRONICS-FERD40M45C Datasheet
169Kb / 10P
   Low forward voltage drop
FERD40U45C STMICROELECTRONICS-FERD40U45C Datasheet
169Kb / 10P
   Low forward voltage drop
November 2013 Rev 1
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
More results

Similar Description - FERD40H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20M60 STMICROELECTRONICS-FERD20M60 Datasheet
156Kb / 8P
   Field effect rectifier
June 2015 Rev 2
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
   Field effect rectifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
KEC(Korea Electronics)
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz