Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD40H100S Datasheet(PDF) 1 Page - STMicroelectronics

Part No. FERD40H100S
Description  100 V field-effect rectifier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40H100S Datasheet(HTML) 1 Page - STMicroelectronics

  FERD40H100S Datasheet HTML 1Page - STMicroelectronics FERD40H100S Datasheet HTML 2Page - STMicroelectronics FERD40H100S Datasheet HTML 3Page - STMicroelectronics FERD40H100S Datasheet HTML 4Page - STMicroelectronics FERD40H100S Datasheet HTML 5Page - STMicroelectronics FERD40H100S Datasheet HTML 6Page - STMicroelectronics FERD40H100S Datasheet HTML 7Page - STMicroelectronics FERD40H100S Datasheet HTML 8Page - STMicroelectronics FERD40H100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2016
DocID029155 Rev 1
1/12
This is information on a product in full production.
www.st.com
FERD40H100S
100 V field-effect rectifier diode
Datasheet - production data
Features
ST advanced rectifier process
Stable leakage current over reverse voltage
Reduced leakage current
Low forward voltage drop
High frequency operation
Description
The device is based on a proprietary technology
that achieves the best in class VF/IR trade-off for a
given silicon surface. This 100 V rectifier has
been optimized for use in confined applications
where both efficiency and thermal performance
are key. With a lower dependency of leakage
current (IR) and forward voltage (VF) in function of
temperature, the thermal runaway risk is reduced.
It is highly recommended to be used in adapters
and chargers.
Table 1: Device summary
Symbol
Value
IF(AV)
40 A
VRRM
100 V
VF (max.)
0.375 V
IR (max.)
190 µA
Tj (max.)
175 °C
TO-220AB
A
K
A
K
K
A
K
NC
A
D²PAK
A


Similar Part No. - FERD40H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60CG-TR STMICROELECTRONICS-FERD40L60CG-TR Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40M45C STMICROELECTRONICS-FERD40M45C Datasheet
169Kb / 10P
   Low forward voltage drop
FERD40U45C STMICROELECTRONICS-FERD40U45C Datasheet
169Kb / 10P
   Low forward voltage drop
November 2013 Rev 1
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
More results

Similar Description - FERD40H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20M60 STMICROELECTRONICS-FERD20M60 Datasheet
156Kb / 8P
   Field effect rectifier
June 2015 Rev 2
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
   Field effect rectifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
KEC(Korea Electronics)
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz