Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL540NS Datasheet(PDF) 3 Page - International Rectifier

Part # IRL540NS
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL540NS Datasheet(HTML) 3 Page - International Rectifier

  IRL540NS Datasheet HTML 1Page - International Rectifier IRL540NS Datasheet HTML 2Page - International Rectifier IRL540NS Datasheet HTML 3Page - International Rectifier IRL540NS Datasheet HTML 4Page - International Rectifier IRL540NS Datasheet HTML 5Page - International Rectifier IRL540NS Datasheet HTML 6Page - International Rectifier IRL540NS Datasheet HTML 7Page - International Rectifier IRL540NS Datasheet HTML 8Page - International Rectifier IRL540NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRL540NS/L
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
1
10
100
1000
0.1
1
1 0
1 0 0
V
, Drain-to-Source Voltage (V)
DS
A
20 µ s PULSE WIDTH
T
= 25°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM
2.5V
2.5V
1
10
100
1000
0.1
1
1 0
1 0 0
V
, Drain-to-Source Voltage (V)
DS
A
20 µ s PULSE WIDTH
T
= 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM
2.5V
2.5V
J
1
10
100
1000
246
8
1 0
T = 25°C
J
GS
V
, Gate-to-Source Voltage (V)
T = 175°C
J
A
V
= 50V
20µs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junction Temperature (°C)
V
= 10V
GS
A
I
= 30A
D


Similar Part No. - IRL540NS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL540NS ISC-IRL540NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL540NSPBF IRF-IRL540NSPBF Datasheet
911Kb / 10P
   HEXFET Power MOSFET
IRL540NSPBF IRF-IRL540NSPBF Datasheet
920Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRL540NSPBF VBSEMI-IRL540NSPBF Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRL540NSPBF IRF-IRL540NSPBF_15 Datasheet
920Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRL540NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com