Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD30H100S Datasheet(PDF) 3 Page - STMicroelectronics

Part No. FERD30H100S
Description  100 V field-effect rectifier diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30H100S Datasheet(HTML) 3 Page - STMicroelectronics

  FERD30H100S Datasheet HTML 1Page - STMicroelectronics FERD30H100S Datasheet HTML 2Page - STMicroelectronics FERD30H100S Datasheet HTML 3Page - STMicroelectronics FERD30H100S Datasheet HTML 4Page - STMicroelectronics FERD30H100S Datasheet HTML 5Page - STMicroelectronics FERD30H100S Datasheet HTML 6Page - STMicroelectronics FERD30H100S Datasheet HTML 7Page - STMicroelectronics FERD30H100S Datasheet HTML 8Page - STMicroelectronics FERD30H100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FERD30H100S
Characteristics
DocID029159 Rev 1
3/14
1.1
Characteristics (curves)
Figure 1: Average forward current versus ambient
temperature (δ = 0.5)
Figure 2: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 3: Reverse leakage current versus reverse
voltage applied (typical values)
Figure 4: Junction capacitance versus reverse
voltage applied (typical values)
Figure 5: Forward voltage drop versus forward
current (typical values)
Figure 6: Forward voltage drop versus forward
current (typical values)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
Tamb(°C)
T
= tp/T
tp
δ
IF(AV)(A)
Rth(j-a) = Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
tp(s)
Single pulse
Zth(j-c)/Rth(j-c)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
70
80
90
100
VR(V)
Tj = 125 °C
Tj = 25 °C
Tj = 50 °C
Tj = 75 °C
Tj = 100 °C
Tj = 150 °C
IR(mA)
100
1000
10000
1
10
100
VR(V)
F = 1MHz
Vosc = 30 mVRMS
Tj = 25 °C
C(pF)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VF(V)
Tj = 25 °C
Tj = 75 °C
Tj = 125 °C
IF(A)
0
10
20
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VF(V)
Tj = 75 °C
Tj = 125 °C
Tj = 25 °C
IF(A)


Similar Part No. - FERD30H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD30H60CG-TR STMICROELECTRONICS-FERD30H60CG-TR Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results

Similar Description - FERD30H100S

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20M60 STMICROELECTRONICS-FERD20M60 Datasheet
156Kb / 8P
   Field effect rectifier
June 2015 Rev 2
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
   Field effect rectifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
KEC(Korea Electronics)
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz