Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD220 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFD220
Description  0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFD220 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFD220 Datasheet HTML 1Page - Fairchild Semiconductor IRFD220 Datasheet HTML 2Page - Fairchild Semiconductor IRFD220 Datasheet HTML 3Page - Fairchild Semiconductor IRFD220 Datasheet HTML 4Page - Fairchild Semiconductor IRFD220 Datasheet HTML 5Page - Fairchild Semiconductor IRFD220 Datasheet HTML 6Page - Fairchild Semiconductor IRFD220 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
IRFD220 Rev. B
IRFD220
0.8A, 200V, 0.800 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA09600.
Features
• 0.8A, 200V
•rDS(ON) = 0.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD220
HEXDIP
IRFD220
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
January 2002


Similar Part No. - IRFD220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
logo
Vishay Siliconix
IRFD220 VISHAY-IRFD220 Datasheet
1Mb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRFD220 VISHAY-IRFD220 Datasheet
994Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD220PBF IRF-IRFD220PBF Datasheet
1Mb / 8P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFD220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
   5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
   4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
   -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
BUZ45A INTERSIL-BUZ45A Datasheet
12Kb / 1P
   8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET
October 1998
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
   0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com