Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF0S8BA Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RF0S8BA
Description  Twelve wattage ratings
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RF0S8BA Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RF0S8BA Datasheet HTML 1Page - Ohmite Mfg. Co. RF0S8BA Datasheet HTML 2Page - Ohmite Mfg. Co. RF0S8BA Datasheet HTML 3Page - Ohmite Mfg. Co. RF0S8BA Datasheet HTML 4Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
33
The temperature rise graph
data was obtained by a
selection of test substrate
size and trace width for
each resistor size to limit
operating temperatures to
safe values.
The operating temperature
safe rises are either 100°C
substrate temperature rise
or 180°C package hot spot
temperature rise at 25°C
ambient.
FR4: 0.062 in. thick; 0.062
in. traces
Alumina: 0.040 in. thick;
0.010 in. traces
Molding material rated at
205°C continuous.
100%
200%
300%
200
180
160
140
120
100
80
60
40
20
Percent Rated power
Alumina
Solder joint
FR4
Package limit hot spot temperature rise
100
Ambient Temperature, ϒC
60
20
0
80
40
25
50
100
150
75
0
125
Derating
0.02
500
400
300
200
100
Ohms
0.04 0.06 0.08 0.10
Typical TCR for
less than 0.1
SMD
resistors (PPM/°C)
TCR
Surface Mount Power
Temp. cycle
Load Life
Immersion
(-55°C to 125°C, (1000 hours
(260°C for
Momentary
Construction
1000 cycles)
at 25°C)
10 sec.)
Overload
RC
Carbon/Ceramic Comp.
±4.0%+.05Ω ±10.0%+.05Ω ±3.0%+.05Ω 6.3x rated power for 5 sec.
RF
Metal Film
±0.5%+.05Ω ±0.5%+.05Ω ±0.1%+.05Ω 2x rated power for 0.1 sec.
RW
Wirewound
±0.5%+.05Ω ±3.0%+.05Ω ±0.1%+.05Ω 5x rated power for 5 sec.
RP
Power Film
±3.0%+.05Ω ±5.0%+.05Ω ±0.5%+.05Ω 2x rated power for 0.1 sec.
RN
Wirewound, Non-inductive ±0.5%+.05Ω ±3.0%+.05Ω ±0.1%+.05Ω 5x rated power for 5 sec.
ALL models:
Leaching
(260°C Solder immersion, 60 sec.).......................
No visible leaching
Thermal Shock
(Units at -55°C, then rated power applied).. No mechanical damage
Flammability
......................................................................... UL Material rating, UL94V0
P er FO r M a NC e data
Recommended Solder Profile
300
Time (sec.)
Preheating
120 sec.
Soldering
Cooling
200
50
50
0
100
150
250
200
0
250
100
150
60 sec.
10 sec.
Preheating:
145°C ±15°, max. 120 sec.
Soldering:
min. 220°C, max. 60 sec.
Max. Temp.:
260°C ±5°, 10 sec.
r C S er I e S : bake P r OC edure
RC SERIES ONLY
C. Cautions
Solderability: may be affected due to oxidization of lead wire
Resistance value: some units may not completely recover to origi-
nal value.
Soldering heat: some treated product may have substantial resis-
tance change during soldering operation. It is recommended that
parts be tested to evaluate soldering heat effects.
A. Heat Treatment
110°C ±10°C
15 hours
B. Frequency of
heat treatment
1 time only


Similar Part No. - RF0S8BA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RF0S8BA OHMITE-RF0S8BA Datasheet
288Kb / 4P
   RC Series carbon composition
More results

Similar Description - RF0S8BA

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
HW-5052-L RRE-HW-5052-L Datasheet
89Kb / 1P
   High Wattage Reed Switch
logo
List of Unclassifed Man...
SFE-LEA ETC2-SFE-LEA Datasheet
403Kb / 8P
   MAX OUTPUT WATTAGE
logo
Everlight Electronics C...
EHP-A22-KM01H-PU5-35K EVERLIGHT-EHP-A22-KM01H-PU5-35K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-GT01H EVERLIGHT-EHP-A22-GT01H Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
logo
Omega Engineering, Inc.
CWM OMEGA-CWM Datasheet
138Kb / 1P
   ConstanT Wattage Heat Cable
logo
Everlight Electronics C...
EHP-A22-KM01H-PU5-27K EVERLIGHT-EHP-A22-KM01H-PU5-27K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-30K EVERLIGHT-EHP-A22-KM01H-PU5-30K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-45K EVERLIGHT-EHP-A22-KM01H-PU5-45K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-40K EVERLIGHT-EHP-A22-KM01H-PU5-40K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
logo
Hitachi Semiconductor
HD74LS92 HITACHI-HD74LS92 Datasheet
85Kb / 7P
   Divide-by-Twelve Counters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com