Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIM-MOX10103 Datasheet(PDF) 5 Page - Ohmite Mfg. Co.

Part # SLIM-MOX10103
Description  Current pulse limiters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SLIM-MOX10103 Datasheet(HTML) 5 Page - Ohmite Mfg. Co.

  SLIM-MOX10103 Datasheet HTML 1Page - Ohmite Mfg. Co. SLIM-MOX10103 Datasheet HTML 2Page - Ohmite Mfg. Co. SLIM-MOX10103 Datasheet HTML 3Page - Ohmite Mfg. Co. SLIM-MOX10103 Datasheet HTML 4Page - Ohmite Mfg. Co. SLIM-MOX10103 Datasheet HTML 5Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
77
100
Ambient Temperature, °C
60
20
0
0
100
50
175
80
40
110°
25
75
125
150
200
180°
Epoxy
Silicone
70°
Slim-Mox
All products
Temp. Coeff. of Resistance*
0°C-85°C
85°C-125°C
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
SLIM-MOX100
100 to 300M
100Ω to 50M
51M to 500M
100Ω to 140M
141M to 500M
SLIM-MOX101
100 to 800M
100Ω to 100M 101M to 1,000M
100Ω to 270M
271M to 1,000M
SLIM-MOX102
200 to 1,500M 200Ω to 250M 251M to 5,000M
200Ω to 640M
641M to 5,000M
SLIM-MOX103
250 to 800M
250Ω to 440M 441M to 5,000M 250Ω to 1,100M 1,101M to 5,000M
SLIM-MOX104
500 to 2,500M 500Ω to 450M 451M to 5,000M 500Ω to 1,100M 1,101M to 5,000M
SLIM-MOX106
750 to 5,000M 750Ω to 675M 676M to 5,000M 750Ω to 1,600M 1,601M to 5,000M
SLIM-MOX108
1K to 2,500M
1K to 375M
376M to 5,000M
1K to 940M
941M to 5,000M
SLIM-MOX202
500 to 1,500M 500Ω to 200M 201M to 5,000M
500Ω to 520M
521M to 5,000M
SLIM-MOX204
1K to 1,750M
1K to 375M
376M to 5,000M
1K to 950M
951M to 5,000M
SLIM-MOX206
2K to 4,500M
2K to 600M
601M to 5,000M
2K to 1,500M
1,501M to 5,000M
SLIM-MOX208
2K to 5,000M
2K to 1,000M 1,001M to 5,000M
2K to 2,500M
2,501M to 5,000M
SLIM-MOX210
3K to 5,000M
3K to 1,000M 1,001M to 5,000M
3K to 2,600M
2,601M to 5,000M
SLIM-MOX306
3K to 5,000M
3K to 1,000M 1,001M to 5,000M
3K to 2,600M
2,601M to 5,000M
SLIM-MOX308
4K to 5,000M
4K to 1,200M 1,201M to 5,000M
4K to 3,000M
3,001M to 5,000M
SLIM-MOX310
5K to 5,000M
5K to 1,500M 1,501M to 5,000M
5K to 4,000M
4,001M to 5,000M
SLIM-MOX404
3K to 5,000M
3K to 1,100M 1,101M to 5,000M
3K to 2,800M
2,801M to 5,000M
SLIM-MOX408
5K to 5,000M
5K to 1,250M 1,251M to 5,000M
5K to 3,000M
3,001M to 5,000M
SLIM-MOX410
5K to 5,000M
5K to 1,200M 1,201M to 5,000M
5K to 3,000M
3,001M to 5,000M
SLIM-MOX103RD
1M to 800M
1M to 70M
71M to 5,000M
1M to 185M
186M to 5,000M
SLIM-MOX104RD
1M to 2,500M
1M to 275M
276M to 5,000M
1M to 720M
721M to 5,000M
SLIM-MOX106RD
1M to 5,000M
1M to 250M
251M to 5,000M
1M to 640M
641M to 5,000M
SLIM-MOX108RD
1M to 2,500M
1M to 350M
351M to 5,000M
1M to 875M
876M to 5,000M
SLIM-MOX204RD
1M to 1,750M
1M to 300M
301M to 5,000M
1M to 750M
751M to 5,000M
SLIM-MOX206RD
1M to 4,500M 1M to 1,750M 1,751M to 5,000M 1M to 4,500M
4,501M to 5,000M
SLIM-MOX208RD
1M to 5,000M
1M to 625M
626M to 5,000M
1M to 1,550M
1,551M to 5,000M
SLIM-MOX210RD
1M to 5,000M
1M to 950M
951M to 5,000M
1M to 2,400M
2,401M to 5,000M
SLIM-MOX306RD
1M to 5,000M
1M to 800M
801M to 5,000M
1M to 2,000M
2,001M to 5,000M
SLIM-MOX308RD
1M to 5,000M 1M to 1,200M 1,201M to 5,000M 1M to 2,600M
2,601M to 5,000M
SLIM-MOX310RD
1M to 5,000M 1M to 1,000M 1,001M to 5,000M 1M to 3,900M
3,901M to 5,000M
SLIM-MOX408RD
1M to 5,000M 1M to 1,600M 1,601M to 5,000M 1M to 4,000M
4,001M to 5,000M
SLIM-MOX410RD
1M to 5,000M 1M to 1,200M 1,201M to 5,000M 1M to 3,000M
3,001M to 5,000M
*TCR of 25ppm for temperature range of 0°C-85°C. TCR of 50ppm and 100ppm for -55°C to 125°C. Consult factory for TCR
values operating higher than 125°C
**VC’s of <2PPM/Volt are available. Contact Ohmite with your requirement.
per F or MA nce d AtA
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B, Condition B
±0.25%
Dielectric Withstanding Voltage MIL-STD-202, Method 301, 750V
±0.25%
Insulation Resistance
MIL-STD-202, Method 302, Condition A or B
>10,000M or greater dry
Thermal Shock
MIL-STD-202, Method 107G, Condition B, B-1, or F ±0.20%
Load Life
MIL-STD-202, Method 108A, Condition D
±1.0%
Resistance to Solvents
MIL-STD-202, Method 215G
No degradation of
coating or marking
Terminal Strength
MIL-STD-202, Method 211A, Condition A or B
±0.25%
Shock (Specified Pulse)
MIL-STD-202, Method 213B, Condition I
±0.25%
Vibration, High Frequency
MIL-STD-202, Method 204D, Condition D
±.020%
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Solderability
MIL-STD-202, Method 208F
>95% Coverage
S M 1 0 2 0 3 1 0 0 6 F T E
Slim Mox
Series
Terminal
0 = 0.032" std.
(for SM102 - 410)
0 = 0.025" std.
(SM100 and 101)
Style
100 to 410
Tolerance
D = 0.5%
F = 1%
G = 2%
J = 5%
K = 10%
M = 15%
P = 20%
Coating
2 = Blue silicone (high temp.)
3 = Epoxy (standard)
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
1000 =
100
1503 =
150,000
5005 = 50,000,000
RoHS
Compliant
Tape &
Reel
Notalltolerancesavailableinallvalues.
To specify Slim-Mox Dividers, please
see our website at:
www.ohmite.com/dividers
d er Ating
o rdering in F or MAtion
t e M per Ature/VoltA ge c oe FF icient S o F r e S i S tA nce


Similar Part No. - SLIM-MOX10103

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
SLIMPLANETARY LINENGINEERING-SLIMPLANETARY Datasheet
860Kb / 5P
   GEARBOXES
More results

Similar Description - SLIM-MOX10103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com