Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW5S0FA47R0JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RW5S0FA47R0JE
Description  Wide Resistance Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RW5S0FA47R0JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RW5S0FA47R0JE Datasheet HTML 1Page - Ohmite Mfg. Co. RW5S0FA47R0JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
37
D imen S ion S
±0.020in./±0.51mm
o RD e R ing in F o R mation
Standard part numbers For RW Series
Resistance
Tolerance
Part Number
0.10
1%
RW5S0FAR100FE
1.0
1%
RW5S0FA1R00FE
10
5%
RW5S0FA10R0JE
20
5%
RW5S0FA20R0JE
47
5%
RW5S0FA47R0JE
100
5%
RW5S0FA100RJE
470
5%
RW5S0FA470RJE
1000
5%
RW5S0FA1K00JE
4700
5%
RW5S0FA4K70JE
10,000
5%
RW5S0FA10K0JE
1.0
1%
RW7S0FB1R00FE
10
1%
RW7S0FB10R0FE
100
1%
RW7S0FB100RFE
1000
1%
RW7S0FB1K00FE
10,000
1%
RW7S0FB10K0FE
100,000
1%
RW7S0FB100KFE
RW Series
High Power SMD Wirewound Resistors
5 and 7 watt
Overall Dimensions
Length
Width
Height
RW5S0
0.806 / 20.47
0.365 / 9.27
0.406 / 10.31
RW7S0
1.128 / 28.65
0.471 / 11.96
0.51 / 12.95
Land Pattern
L
M
N
O
5S0 (FA)
0.600 / 15.24
1.000 / 25.40
0.200 / 5.08
0.450 / 11.43
7S0 (FB)
0.890 / 22.61
1.330 / 29.59
0.220 / 5.59
0.520 / 13.21
Tape and Reel
FA (5S0)
FB (7S0 )
Reel Hub Diameter
77mm
77mm
Reel Outer Diameter
560mm
560mm
Reel Width
46mm
46mm
Tape Width
44mm
44mm
Pitch
20mm
24mm
Component type
R = resistor
Component Modifier
W = wirewound
Wattage
70°C 25°C
5S0 =
5W 7W
7S0 =
7W 10W
Type of Base
S = standard
Package
FA = 5W
FB = 7W
Package Modifier
A, B sequential
Resistance Value
R = Decimal
K = 1,000
M = 1,000,000
Tolerance
D = 0.50%
F= 1%
J= 5%
Examples:
R249 = 0.249 ohms
24R9 = 24.9 ohms
2K49 = 2,490 ohms
T = Tape
and Reel
(optional)
5W=300/reel
7W=200/reel
E = RoHS compliant
RW 5S0 FA 1K00F ET
Power Rating and Temperature Rise
data based on the recommended
Land Patterns using 10 oz. copper
PCB. FR-4 material. 0.062" thick. 4
layer.
L
O
M
N


Similar Part No. - RW5S0FA47R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RW5S0FA47R0JE OHMITE-RW5S0FA47R0JE Datasheet
224Kb / 2P
   High Power SMD Wirewound Resistors 5 and 7 watt
More results

Similar Description - RW5S0FA47R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
   Wide Resistance Range
RES-TUW-TUM OHMITE-RES-TUW-TUM Datasheet
383Kb / 2P
   Wide resistance range
RES-TWW-TWM OHMITE-RES-TWW-TWM Datasheet
461Kb / 2P
   Wide resistance range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
   Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
   Low TCRs over a wide resistance range
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com