Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW5S0FAR100FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RW5S0FAR100FE
Description  Wide Resistance Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RW5S0FAR100FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RW5S0FAR100FE Datasheet HTML 1Page - Ohmite Mfg. Co. RW5S0FAR100FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
36
RW Series
High Power SMD Wirewound Resistors
5 and 7 watt
Fea tu R e S
•Finneddesignfacilitatescooling
•HighPowerDensity
•WideResistanceRange
•TightTolerance
•LowTCR
Pe RF o R mance D ata
RW5S0
RW7S0
Power at 25°C
at 70°C
7 watts
5 watts
10 watts
7 watts
Resistance range
0.1Ω ~ 50K
0.1Ω ~ 100K
Non-inductive range
0.1Ω ~ 12.5K
0.1Ω ~ 20K
Tolerance
0.5%, 1%, 5%
Temperature Coefficient
0.1Ω ~ 0.99Ω: ±90ppm
1Ω ~ 10Ω: ±50ppm
10Ω+: ±20ppm
Operating temp. range
-55°C ~ +155°C
Max. working voltage
(PxR)1/2
Weight
5.67g
11.34g
c ha R acte R i S tic S
Temp. cycle (-55°C to 125°C, 1000 cycles)
±0.5%+.05Ω
Load Life (1000 hours at 25°C)
±1.0%+.05Ω
Immersion (260°C for 10 sec.)
±0.1%+.05Ω
Leaching (260°C Solder immersion, 60 sec.)
No visible leaching
Thermal Shock (Units at -55°C, then rated power applied)
No mechanical damage
Flammability UL Material rating
UL94V0
Derating
100
Ambient Temperature, C
60
20
0
80
40
25
50
100
150
75
70
0
125
Ohmitehasuseditsthermalmanagementexpertise
toproduceauniqueresistordesign.Theresistor
bodyincorporatesfinsidenticaltoaheatsink.These
fins,aswithaheatsink,increasethesurfaceareaof
thepartandallowforgreaterpowerdissipation.This
uniquedesignallowsasmallfootprintfortheSMD
deviceandahighpowerdissipation.These5and7
wattresistorsareextremelystablewithaloadlife
driftofonly1%.Aspecialflathasbeendesignedin
tothepartforpickandplaceoperations.
(continued)


Similar Part No. - RW5S0FAR100FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RW5S0FAR100FE OHMITE-RW5S0FAR100FE Datasheet
224Kb / 2P
   High Power SMD Wirewound Resistors 5 and 7 watt
More results

Similar Description - RW5S0FAR100FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
   Wide Resistance Range
RES-TUW-TUM OHMITE-RES-TUW-TUM Datasheet
383Kb / 2P
   Wide resistance range
RES-TWW-TWM OHMITE-RES-TWW-TWM Datasheet
461Kb / 2P
   Wide resistance range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
   Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
   Low TCRs over a wide resistance range
logo
Ohmite Mfg. Co.
RES-POWERMOX OHMITE-RES-POWERMOX Datasheet
301Kb / 2P
   Wide resistance ranges
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com