Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES-LVK Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-LVK
Description  Industry standard sizes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-LVK Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-LVK Datasheet HTML 1Page - Ohmite Mfg. Co. RES-LVK Datasheet HTML 2Page - Ohmite Mfg. Co. RES-LVK Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
12
LVK Series
Four Terminal High Precision Current Sense
Current sense resistors enable the measurement of current flow
in a circuit by monitoring a voltage drop across a precisely cali-
brated resistance. The LVK chip features four terminals, also
known as a “Kelvin” configuration. This configuration enables
current to be applied through two opposite terminals and a
sensing voltage to be measured across the other two terminals,
eliminating the resistance and temperature coefficient of the
terminals for a more accurate current measurement.
Isolating the voltage and current terminals (see schematic)
facilitates a very accurate current measurement. Ohmite’s pro-
prietary technology offers an excellent Temperature Coefficient
of Resistance (TCR) even for very low resistance values. The
resistive element consists of a durable, anti-corrosive metal
alloy that combines reliable performance with the ability to
withstand harsh environments.
Power
Resistance
Max. Over Current
Pkg.
Rating
Range
TCR
Available
Max.
Max.
Series
Size
(W @70°C)
(Ω)
(ppm/°C)
Tolerance
Values
Power
Current
LVK12
1206
0.5W
0.01-0.100
50ppm
0.5%, 1%
E12
20W
20A
LVK20
2010
0.75W
0.01-0.05
50ppm
0.5%, 1%
E12
29W
23A
LVK24
2412
1.0W
0.01-0.100
50ppm
0.5%, 1%
E12
38W
27A
0.001
300ppm
LVK25
1224
2.0W
0.002-0.004 200ppm
1% 1, 2, 3, 5, 9,10mΩ 150W
200A
0.005-0.01
100ppm
V = sensing terminal
(voltage)
I = current terminal
VV
II
Res. Range
0.001Ω - 0.010Ω
Operating Temp. Range
-40°C to +125°C
Rated Ambient Temperature
+70°C
Resistance Tolerance
0.5% and 1% standard
Temperature Coefficient LVK12, LVK20, LVK24:
50ppm standard
LVK25:
100ppm, 200ppm, or 300ppm based on
resistance value
Coating Material
epoxy resin
Terminals
100% matte tin
Max. Over Current
Time applied: 10ms max.
Interval: 60sec min.
Max. over current = √(Max. power÷ Resistance
value) or max. current, whichever is smaller.
Storage conditions
Temperature: 5°C ~ 35°C
Humidity: 25% ~ 70%
Fea ture S
•Designedforautomatic
insertion
•Industrystandardsizes
•High-precisionKelvin
connect capability in a
small package
Serie S Speci F ication S
characteri S tic S
Schematic


Similar Part No. - RES-LVK

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
   Computer
RES-LVM OHMITE-RES-LVM Datasheet
490Kb / 2P
   Switching Power Supply
More results

Similar Description - RES-LVK

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
   Industry standard sizes
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
   Four industry standard sizes available
logo
AVX Corporation
008290016000011 AVX-008290016000011 Datasheet
48Kb / 2P
   vailable in industry standard sizes of 10-64 positions
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com