Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR53H420 Datasheet(PDF) 7 Page - International Rectifier

Part # IR53H420
Description  SELF-OSCILLATING HALF BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR53H420 Datasheet(HTML) 7 Page - International Rectifier

  IR53H420 Datasheet HTML 1Page - International Rectifier IR53H420 Datasheet HTML 2Page - International Rectifier IR53H420 Datasheet HTML 3Page - International Rectifier IR53H420 Datasheet HTML 4Page - International Rectifier IR53H420 Datasheet HTML 5Page - International Rectifier IR53H420 Datasheet HTML 6Page - International Rectifier IR53H420 Datasheet HTML 7Page - International Rectifier IR53H420 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
IR53H(D)420(-P2)
Case Outline - 7 pin
NOTES:
1. Dimensioning and tolerancing per
ANSI Y14.5M-1982
2. Controlling dimension: Inch
3. Dimensions are shown in
millimeters (inches)
4X
16.89 (.665)
16.63 (.655)
3.18 (.125)
2.92 (.115)
5.08 (.100)
2X


Similar Part No. - IR53H420

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
IR530 CISCO-IR530 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-ANZ/K9 CISCO-IR530SB-OFD-ANZ/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-BRZ/K9 CISCO-IR530SB-OFD-BRZ/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-FCC/K9 CISCO-IR530SB-OFD-FCC/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
logo
Everlight Electronics C...
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
More results

Similar Description - IR53H420

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD224 IRF-IR51HD224 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com