Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1524PC1 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1524PC1
Description  DPDT SWITCH GaAs MMIC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1524PC1 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1524PC1 Datasheet HTML 5Page - New Japan Radio NJG1524PC1 Datasheet HTML 6Page - New Japan Radio NJG1524PC1 Datasheet HTML 7Page - New Japan Radio NJG1524PC1 Datasheet HTML 8Page - New Japan Radio NJG1524PC1 Datasheet HTML 9Page - New Japan Radio NJG1524PC1 Datasheet HTML 10Page - New Japan Radio NJG1524PC1 Datasheet HTML 11Page - New Japan Radio NJG1524PC1 Datasheet HTML 12Page - New Japan Radio NJG1524PC1 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NJG1524PC1
- 9 -
nTYPICAL CHARACTERISTICS (0.1GHz~0.5GHz, with application circuit, losses of PCB, connector
and DC blocking capacitor (1000pF) are included.)
-2.0
-1.5
-1.0
-0.5
0.0
100
200
300
400
500
PC1-PA1 Insertion Loss vs. Frequency
Frequency (MHz)
( VCTL1=2.7V,VCTL2=0V ,Pin=0dBm )
-2.0
-1.5
-1.0
-0.5
0.0
100
200
300
400
500
PC1-PA2 Insertion Loss vs. Frequency
Frequency (MHz)
( VCTL1=0V,VCTL2=2.7V ,Pin=0dBm )
-2.0
-1.5
-1.0
-0.5
0.0
100
200
300
400
500
PC2-PB1 Insertion Loss vs. Frequency
Frequency (MHz)
( VCTL1=2.7V,VCTL2=0V ,Pin=0dBm )
-2.0
-1.5
-1.0
-0.5
0.0
100
200
300
400
500
PC2-PB2 Insertion Loss vs. Frequency
Frequency (MHz)
( VCTL1=0V,VCTL2=2.7V ,Pin=0dBm )
-50
-40
-30
-20
100
200
300
400
500
PC1-PA1 Isolation vs. Frequency
Frequency (MHz)
( VCTL1=0V,VCTL2=2.7V ,Pin=0dBm )
-50
-40
-30
-20
100
200
300
400
500
PC1-PA2 Isolation vs. Frequency
Frequency (MHz)
( VCTL1=2.7V,VCTL2=0V ,Pin=0dBm )


Similar Part No. - NJG1524PC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1524APC1 NJRC-NJG1524APC1 Datasheet
249Kb / 8P
   DPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1524PC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1524APC1 NJRC-NJG1524APC1 Datasheet
249Kb / 8P
   DPDT SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
   GaAs DPDT Switch
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
   GaAs DPDT Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com