Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJPF07N65 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJPF07N65
Description  N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJPF07N65 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJPF07N65 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
650
V
Zero gate voltage drain current
IDSS
VDS =650V, VGS =0V
10
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±30V
±
100
nA
Drain-source diode forward voltage
VSD
VGS = 0V, IS =7.4A
1.4
V
On characteristics (note 2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
2
3.5
4
V
Static drain-source on-resistance
RDS(on)
VGS =10V, ID =3.7A
1.1
1.3
Forward transconductance
gfs
VDS =40V, ID =3.7A
5
S
Dynamic characteristics (note 3)
Input capacitance
Ciss
1400
Output capacitance
Coss
180
Reverse transfer capacitance
Crss
VDS =25V,VGS =0V,f =1MHz
21
pF
Switching characteristics (note 3)
Total gate charge
Qg
29
38
Gate-source charge
Qgs
7
Gate-drain charge
Qgd
VDS =520V,VGS =10V,ID =7.4A
14.5
nC
Turn-on delay time
td(on)
70
Turn-on rise time
tr
170
Turn-off delay time
td(off)
140
Turn-off fall time
tf
VDD=325V, RG=25Ω, ID =7.4A
130
ns
Notes :
1.
L=10mH, IAS=7A, VDD=50V, VGS=10V,RG=25Ω, Starting TJ=25
℃.
2.
Pulse Test: Pulse width≤300µs, duty cycle ≤2%.
3.
These parameters have no way to verify.
www.cj-elec.com
2
B,Apr,2016
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified


Similar Part No. - CJPF07N65

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJPF07N65 ZPSEMI-CJPF07N65 Datasheet
940Kb / 3P
   Plastic-Encapsulate MOSFETS
More results

Similar Description - CJPF07N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com