Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-817-00B Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-817-00B
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-817-00B Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-817-00B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-817-00B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-817-00B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-817-00B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-817-00B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-817-00B Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings (TA = 25˚C)
Storage Temperature, TS
–55˚C to +125˚C
Operating Temperature, TA
–30˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
50 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
70 mW
Collector Current, IC
50 mA
Collector-Emitter Voltage, VCEO
35 V
Emitter-Collector Voltage, VECO
6 V
Collector Power Dissipation
150 mW
Total Power Dissipation
200 mW
Isolation Voltage, Viso (AC for 1 minute, R.H. = 40 ~ 60%)
5000 Vrms
* CTR =
x 100%
IC
IF
Rank Mark
CTR (%)
Conditions
L
50 ~ 100
IF = 5 mA, VCE = 5 V, TA = 25°C
A
80 ~ 160
B
130 ~ 260
C
200 ~ 400
D
300 ~ 600
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.2
1.4
V
IF = 20 mA
Reverse Current
IR
––10
µAVR = 4 V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V
Collector-Emitter Breakdown Voltage
BVCEO
35
––V
IC = 0.1 mA
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10 µA
Collector Current
IC
2.5
30
mA
IF = 5 mA, VCE = 5 V,
*Current Transfer Ratio
CTR
50
600
%
RBE = ∞
Collector-Emitter Saturation Voltage
VCE(sat)
0.1
0.2
V
IF = 20 mA, IC = 1 mA
Response Time (Rise)
tr
–4
18
µsVCC = 2 V, IC = 2 mA
Response Time (Fall)
tf
–3
18
µsRL = 100 Ω
Cut-off Frequency
fc
80
KHz
VCC = 5 V, IC = 2 mA
RL = 100 Ω, –3 dB
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1.0
pF
V = 0, f = 1 MHz


Similar Part No. - HCPL-817-00B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-817-00B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com