Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55FB2511-18 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 55FB2511-18
Description  ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55FB2511-18 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  55FB2511-18 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics Corporation also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
Raychem, TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL.
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2008-2011 Tyco Electronics Corporation. All rights reserved.
SPECIFICATION CONTROL DRAWING
55FB2511
ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
11-15-11
G
This specification sheet forms a part of the latest issue of Raychem Specification 55F.
JACKET - RADIATION-CROSSLINKED,
MODIFIED CONDUCTIVE ETFE
COMPONENT WIRE - 55FA0511
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TITLE
Date
Revision
SHIELD - TIN-COATED COPPER
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
CROSSLINKING PROOF TEST: 300 ± 3°C for 7 hours
BLOCKING: 200 ± 3°C for 6 hours
FLAMMABILITY: 3 seconds (maximum); 3 in. (maximum);
no flaming of facial tissue
FLUORIDE EXTRACTION:
70 ± 2° C for 168 hours, 250 ppm (maximum)
IDENTIFICATION AND COLOR STRIPING DURABILITY:
125 cycles (250 strokes) (minimum), 500 g weight
JACKET COLOR: Black
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 3500 lbf/in² (minimum)
NOTE: Nominal values are for information only.
Nominal values are not requirements.
JACKET FLAWS: Not Applicable
JACKET FLEXURE ENDURANCE: 10 cycles, no cracking
LIFE CYCLE: 200 ± 3°C for 168 hours
LOW TEMPERATURE-COLD BEND: -65 ± 2°C for 4 hours
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND (DIELECTRIC):
Conductor to shield, 1500 volts (rms), 60 Hz
VOLTAGE WITHSTAND (Post Environmental): Not Applicable
PART NUMBER:
The "*" in the part numbers above shall be replaced by color code
designators with a dash separating the component wire color from
the jacket color. Violet shall be light violet and the designator shall be 7L.
Example: AWG 22, light violet component wire, black jacket:
55FB2511-22-7L-0
CABLE CONSTRUCTION DETAILS
JACKET
FLEXURE
ENDURANCE
MANDREL
DIAMETER
(in.) (± 3%)
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
SHIELD
STRAND
THICKNESS
(± .0004 in.)
JACKET THICKNESS
(in.)
OUTSIDE DIAMETER
(in.)
MAXIMUM
WEIGHT
(lbs/1000 ft.)
MINIMUM
NOMINAL
NOMINAL
MAXIMUM
55FB2511-22-*
22
.0015
.006
.008
.074
.079
6.9
.250
55FB2511-20-*
20
.0015
.006
.008
.082
.087
9.0
.250
55FB2511-18-*
18
.0015
.006
.008
.093
.098
12.5
.250
55FB2511-16-*
16
.0015
.006
.008
.101
.106
15.4
.250
55FB2511-14-*
14
.0015
.006
.008
.118
.124
21.1
.250
55FB2511-12-*
12
.0015
.006
.008
.135
.146
29.8
.325
This product meets or exceeds all requirements of SAE AS85485, less identification.
Internal wire sizes 22-12 AWG meet or exceed all requirements of SAE AS85485/9, less identification.


Similar Part No. - 55FB2511-18

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55FB2514 TEC-55FB2514 Datasheet
113Kb / 1P
   ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2514-24 TEC-55FB2514-24 Datasheet
113Kb / 1P
   ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
More results

Similar Description - 55FB2511-18

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55FB2514 TEC-55FB2514 Datasheet
113Kb / 1P
   ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2531 TEC-55FB2531 Datasheet
123Kb / 1P
   THREE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2521 TEC-55FB2521 Datasheet
122Kb / 1P
   TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2524 TEC-55FB2524 Datasheet
115Kb / 1P
   TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2534 TEC-55FB2534 Datasheet
116Kb / 1P
   THREE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB7120 TEC-55FB7120 Datasheet
128Kb / 1P
   ONE CONDUCTOR CABLE, SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB1532 TEC-55FB1532 Datasheet
126Kb / 1P
   THREE CONDUCTOR CABLE, SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB1522 TEC-55FB1522 Datasheet
134Kb / 1P
   TWO CONDUCTOR CABLE, SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB1551 TEC-55FB1551 Datasheet
165Kb / 1P
   FIVE CONDUCTOR CABLE, SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB1531 TEC-55FB1531 Datasheet
128Kb / 1P
   THREE CONDUCTOR CABLE, SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com