Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCSL110 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # FCSL110
Description  Designed for automatic insertion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FCSL110 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  FCSL110 Datasheet HTML 1Page - Ohmite Mfg. Co. FCSL110 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
6
Test Condition
Maximum ∆R
Overload (10W) Rated power x1.5, 5s
±(1.0%+0.0005Ω)
Max. temperature
for rated power
70°C
(10W: 100°C)
Operating
temp. range
-55°C ~ +155°C
Rated voltage √(Rated power x Resistance
value) V
In-rush current* Rated current 10 msec ON,
60 sec OFF, 10 cycles* (see
table below)
±(1.0% +0.0005Ω)
Rapid change of
temperature
-55°C (30min.)/+155°C
(30min.), 100 cy.
-40℃ (30min), Room temp
(3min), +125℃ (30min),
Room temp (3min), 1000 cy.,
FCSL150 only
±(1.0% +0.0005Ω)
±0.6%
Solderability 245°C ±5°C for 3 ±0.5 sec.
Min. 90% cover-
age
Endurance at
70°C
70°C ±3°C, Rated voltage
1.5h ON, 0.5h OFF, 1000h
±(1.0% +0.0005Ω)
Resistance to
soldering heat
260°C ±5°C for 10 ±1 sec.
±(0.5% +0.0005Ω)
Moisture
resistance
60°C ±2°C, 90~95% RH,
Rated voltage 1.5h ON, 0.5h
OFF, 1000h
±(2.0% +0.0005Ω)
Terminal strength 10W: Bending width: 2mm
for 10s±1s, Glass epoxy sub-
strate 1.6mm thick
±(1.0%+0.0005Ω)
FCSL Series
Metal Foil Current Sense
Ohmite continues to add to its complement
of Current Sense offerings with the FCSL
Series. FCSL incorporates proven metal foil
technology to produce the ultimate in a cur-
rent sense resistor. FCSL features the effec-
tive combination of very low and stable TCRs
(Temperature Coefficient of Resistance) avail-
able in a wide selection of very low ohmic
values. Power ratings up to 10 Watts makes
FCSL the ideal choice for your current sens-
ing applications.
Power Resistance
TCR
Weight
Series
Rating Range (mΩ) Tol. (ppm/°C)
(g)
FCSL64 2.0W
1m
±5% ±150 0.036
2m
±2% ±100
3m ~ 100m ±1% ±50
10m ~ 50mΩ ±0.5% ±50
FCSL76 3.0W
1m
±5% ±150 0.050
2m
±2% ±100
3m ~ 100m ±1% ±50
FCSL90 4.0W
1m
±5% ±150 0.071
2m
±2% ±100
3m ~ 100m ±1% ±50
FCSL110 5.0W
1m
±5% ±150 0.096
2m
±2% ±100
3m ~ 100m ±1% ±50
10m ~ 50mΩ ±0.5% ±50
FCSL150 10.0W
1m
±5% ±100 0.316
2m
±2% ±100
3m ~ 100m ±1% ±100
(>9m:±50)
Fea ture S
•FoilConstructionensuresaverystableTCR(Temperature
Coefficient of Resistance)
•Designedforautomaticinsertion
•Industrystandardsizes
•Highheatresistantuse
•Lowheatelectromotiveuse
•Color:white(top)andgreen(bottom)
100
Ambient
(10W)
Temperature, °C
60
20
0
80
40
0
50
100
155
70
-55
In-rushcurrent=
√(in-rush
power/resistance value), or
max. current, whichever is
smaller
*In-rush Current
1m
Ω~10mΩ
12m
Ω~100mΩ
Rated In-rush
Max.
In-rush
Max.
Series
Wattage Power
Current
Power
Current
FCSL64
2W
225W
125A
150W
70A
FCSL76
3W
325W
150A
210W
80A
FCSL90
4W
440W
180A
300W
100A
FCSL110
5W
600W
240A
440W
120A
FCSL150 10W
700W
270A
470W
140A
Derating
Recommended Reflow
Temperature Profile
For lead free soldering (Sn-Ag-Cu
solder)
Preheating: 130°~180° 60s~90s
Heating:
Over220°
30s~90s
Peak:
240°~260° Max.10s
Max.numberofreflow:2
Serie S S pe C i F i C ation S
Chara C teri S ti CS
Time (sec.)
Preheating
130 ~ 180℃
60 ~ 90 sec.
Heating
Peak
200
50
300
250
100
150
Over 220℃
30s ~ 90s
240 ~ 260℃ Max. 10s


Similar Part No. - FCSL110

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL110 OHMITE-FCSL110 Datasheet
241Kb / 3P
   Metal Foil Current Sense
FCSL110 OHMITE-FCSL110 Datasheet
526Kb / 2P
   Metal Foil Current Sense
FCSL110 OHMITE-FCSL110 Datasheet
581Kb / 2P
   Metal Foil Current Sense
FCSL110R001JE OHMITE-FCSL110R001JE Datasheet
581Kb / 2P
   Metal Foil Current Sense
FCSL110R001JER OHMITE-FCSL110R001JER Datasheet
241Kb / 3P
   Metal Foil Current Sense
More results

Similar Description - FCSL110

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
C&K Components
KSA CK-COMPONENTS-KSA Datasheet
359Kb / 5P
   Designed for automatic or manual insertion
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
Cornell Dubilier Electr...
WMC CDE-WMC Datasheet
106Kb / 3P
   Axial Lead, Miniature Size for Automatic Insertion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com