Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37522FS-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD37522FS-E2
Description  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37522FS-E2 Datasheet(HTML) 3 Page - Rohm

  BD37522FS-E2 Datasheet HTML 1Page - Rohm BD37522FS-E2 Datasheet HTML 2Page - Rohm BD37522FS-E2 Datasheet HTML 3Page - Rohm BD37522FS-E2 Datasheet HTML 4Page - Rohm BD37522FS-E2 Datasheet HTML 5Page - Rohm BD37522FS-E2 Datasheet HTML 6Page - Rohm BD37522FS-E2 Datasheet HTML 7Page - Rohm BD37522FS-E2 Datasheet HTML 8Page - Rohm BD37522FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
BD37522FS
3/27
TSZ02201-0C2C0E100470-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Pin Descriptions
Pin No.
Pin Name
Description
Pin No.
Pin Name
Description
1
FIL
VCC/2 terminal
13
MUTE
External compulsory mute terminal
2
A1
A input terminal of 1ch
14
TEST1
Test Pin
3
A2
A input terminal of 2ch
15
TEST2
Test Pin
4
B1
B input terminal of 1ch
16
TEST3
Test Pin
5
B2
B input terminal of 2ch
17
OUTR2
Rear output terminal of 2ch
6
CP1
C positive input terminal of 1ch
18
OUTR1
Rear output terminal of 1ch
7
CN
C negative input terminal
19
OUTF2
Front output terminal of 2ch
8
CP2
C positive input terminal of 2ch
20
OUTF1
Front output terminal of 1ch
9
D1
D input terminal of 1ch
21
VCC
Power supply terminal
10
D2
D input terminal of 2ch
22
SCL
I2C Communication clock terminal
11
E1
E input terminal of 1ch
23
SDA
I2C Communication data terminal
12
E2
E input terminal of 2ch
24
GND
GND terminal
Block Diagram
Unit
R : [Ω]
C : [F]
GND
VCC/2
Volume/Mute
2 Band P-EQ
(Tone control)
Loudness
Input Gain
GND
ISO amp
Input selector (4 single-end and 1 stereo ISO)
14
100k
100k
100k
100k
250k
GND
ISO amp
250k
250k
250k
250k
250k
250k
VCC
I2C BUS LOGIC
1
2
3
4
5
6
7
8
9
10
11
12
13
24
23
22
21
20
19
18
17
16
15
■Fader
Gain:0dB~-79dB/1dB step
★no pop noise
■Loudness
20dB~0dB/1dB step
★no pop noise
・f0=800
・Hicut1/2/3/4
■2 Band P-EQ (Tone control)
Gain:+20dB~-20dB/1dB
★no pop noise
・Bass:f0=60/80/100/120Hz,
Q=0.5/1.0/1.5/2.0
・Treble:f0=7.5k/10k/12.5k/15kHz
Q=0.75/1.25
■Volume
Gain:+15dB~-79dB/1dB step
★no pop noise
■Input Gain
Gain:+20dB~0dB/1dB step
★no pop noise
Fader
Gain:0dB to -79dB/1dB step
no pop noise
Loudness
20dB to 0dB/1dB step
Gain: +20dB to -20dB/1dB
Gain: +15dB to -79dB/1dB step
Gain: +20dB to 0dB/1dB step


Similar Part No. - BD37522FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37522FS ROHM-BD37522FS Datasheet
148Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD37522FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com