Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-817 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HCPL-817
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-817 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings (TA = 25˚C)
Storage Temperature, TS
–55˚C to +125˚C
Operating Temperature, TA
–30˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
50 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
70 mW
Collector Current, IC
50 mA
Collector-Emitter Voltage, VCEO
35 V
Emitter-Collector Voltage, VECO
6 V
Collector Power Dissipation
150 mW
Total Power Dissipation
200 mW
Isolation Voltage, Viso (AC for 1 minute, R.H. = 40 ~ 60%)
5000 Vrms
* CTR =
x 100%
IC
IF
Rank Mark
CTR (%)
Conditions
L
50 ~ 100
IF = 5 mA, VCE = 5 V, TA = 25°C
A
80 ~ 160
B
130 ~ 260
C
200 ~ 400
D
300 ~ 600
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.2
1.4
V
IF = 20 mA
Reverse Current
IR
––10
µAVR = 4 V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V
Collector-Emitter Breakdown Voltage
BVCEO
35
––V
IC = 0.1 mA
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10 µA
Collector Current
IC
2.5
30
mA
IF = 5 mA, VCE = 5 V,
*Current Transfer Ratio
CTR
50
600
%
RBE = ∞
Collector-Emitter Saturation Voltage
VCE(sat)
0.1
0.2
V
IF = 20 mA, IC = 1 mA
Response Time (Rise)
tr
–4
18
µsVCC = 2 V, IC = 2 mA
Response Time (Fall)
tf
–3
18
µsRL = 100 Ω
Cut-off Frequency
fc
80
KHz
VCC = 5 V, IC = 2 mA
RL = 100 Ω, –3 dB
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1.0
pF
V = 0, f = 1 MHz


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCPL-814AC Input Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ISP521-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
ISP321-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC817AHigh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation
ISP621-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn