Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-817 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HCPL-817
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-817 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HCPL-817
Phototransistor Optocoupler
High Density Mounting Type
Data Sheet
Features
• Current Transfer Ratio
(CTR: min. 50% at IF = 5 mA,
VCE = 5 V)
• High input-output isolation voltage
(Viso = 5000 Vrms)
• Response time (tr: typ., 4 µs at
VCE = 2 V, IC = 2 mA, RL = 100 Ω)
• Compact dual-in-line package
• UL approved
• CSA approved
• VDE approved
• Options available:
– Leads with 0.4" (10.16 mm)
spacing (W00)
– Leads bends for surface
mounting (300)
– Tape and reel for SMD (500)
– VDE 0884 approvals (060)
Applications
• Signal transmission between
circuits of different potentials and
impedances
• I/O interfaces for computers
• Feedback circuit in power supply
Description
The HCPL-817 contains a light
emitting diode optically coupled to
a phototransistor. It is packaged in
a 4-pin DIP package and available
in wide-lead spacing option and
lead bend SMD option. Input-output
isolation voltage is 5000 Vrms.
Response time, tr, is typically 4 µs
and minimum CTR is 50% at input
current of 5 mA.
Functional Diagram
Ordering Information
Specify part number followed by
Option Number (if desired).
HCPL-817-XXX
Option Number
060 = VDE0884 Option
W00 = 0.4" Lead Spacing Option
300 = Lead Bend SMD Option
500 = Tape and Reel Packaging
Option
00A = Rank Mark A
00B = Rank Mark B
00C = Rank Mark C
00D = Rank Mark D
00L = Rank Mark L
Schematic
4
3
12
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
1
2
ANODE
CATHODE
VF
+
IF
4
3
COLLECTOR
EMITTER
IC
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCPL-814AC Input Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ISP521-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
ISP321-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC817AHigh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation
ISP621-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn