Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-817 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HCPL-817
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-817 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-817 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-817 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-817 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-817 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-817 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-817 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
500
0.2
2
10
0.05
2
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
1
5
10
20
50
100
200
ts
td
f – FREQUENCY – kHz
1
20
500
5
20
10
210
50
0.5
0
100 200
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
VCE = 2 V
IC = 2 mA
TA = 25°C
Test Circuit for Response Time
Test Circuit for Frequency Response
VCC
RD
RL
OUTPUT
~
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
td
tr
tf
ts


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCPL-814AC Input Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ISP521-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
ISP321-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC817AHigh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation
ISP621-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn