Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-817 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HCPL-817
Description  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-817 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs.
temperature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-30
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-30
0
IF – FORWARD CURRENT – mA
14
20
2
6
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 6 mA
IC = 7 mA
24
8
10 12
16 18
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-
emitter voltage.
Figure 7. Relative current transfer ratio vs.
temperature.
Figure 8. Collector-emitter saturation
voltage vs. temperature.
Figure 9. Collector dark current vs.
temperature.
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
69
40
20
50
3
0
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 10 mA
IF = 5 mA
30
10
IF = 20 mA
IF = 10 mA
12
4
5
78
0
100
50
150
VCE = 5 V
IF = 5 mA
TA – AMBIENT TEMPERATURE – °C
75
25
0
50
100
-30
0
0.10
0.02
0.16
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
75
25
0
50
100
-25
0.04
0.06
0.08
0.12
0.14
TA – AMBIENT TEMPERATURE – °C
VCE = 20 V
10
-11
10
-10
10
-9
10
-8
10
-7
10
-6
75
25
0
50
100
-25
10
-5
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
0
IF – FORWARD CURRENT – mA
10
50
40
200
2
1
20
60
120
140
160
VCE = 5 V
TA = 25°C
80
100
180
520


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCPL-814AC Input Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ISP521-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
ISP321-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC817AHigh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation
ISP621-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn