Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37069FV-ME2 Datasheet(PDF) 4 Page - Rohm

Part # BD37069FV-ME2
Description  Sound Processor for Car Audio with Built-in High-Voltage Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37069FV-ME2 Datasheet(HTML) 4 Page - Rohm

  BD37069FV-ME2 Datasheet HTML 1Page - Rohm BD37069FV-ME2 Datasheet HTML 2Page - Rohm BD37069FV-ME2 Datasheet HTML 3Page - Rohm BD37069FV-ME2 Datasheet HTML 4Page - Rohm BD37069FV-ME2 Datasheet HTML 5Page - Rohm BD37069FV-ME2 Datasheet HTML 6Page - Rohm BD37069FV-ME2 Datasheet HTML 7Page - Rohm BD37069FV-ME2 Datasheet HTML 8Page - Rohm BD37069FV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4/37
BD37069FV-M
TSZ02201-0C2C0E100270-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
12. MAY. 2016 Rev.001
www.rohm.com
TSZ22111・15・001
VCCL
SCL
SDA
GND
ISO amp
GND
ISO amp
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
18
19
100kΩ
40
39
38
37
36
35
GND
ISO amp
GND
ISO amp
GND
ISO amp
GND
ISO amp
Input selector (2 single-ended and 4 stereo ISO)
Input Gain
16
17
31
32
34
33
30
29
26
25
28
27
REG(4.15V)
Fader : +23dB~-79dB、-∞/1dBstep
Input Gain : +23dB~-15dB/1dBstep
Front Mixing : on/off
■2nd order LPF: fc=70kHz
■Main/Sub Gain Adjust 0dB/6dB
■Anti-GSM circuit
■High Voltage Output
Level Shift = 2dB(normal mode)
Level Shift = 4.6dB(Hi-voltage mode1)
Level Shift = 8.3dB(Hi-voltage mode2)
Sub SEL
Front
SEL
Rear SEL
I2C-bus LOGIC
Main Gain adjust
Sub
Gain adjust
100kΩ
250kΩ
250kΩ
100kΩ
100kΩ
100kΩ
100kΩ
GND
ISO amp
GND
ISO amp
Advanced Switch
21
22
23
24
VREF
GND
20
Level
Shift
Level
Shift
Level
Shift
Level
Shift
Level
Shift
Level
Shift
2nd order LPF
MIN
FP2
FN2
FN1
FP1
EP2
EN
EP1
DP2
DN
DP1
CP2
CN
CP1
B2
B1
A2
A1
OUTC
OUTS OUTR1 OUTR2 OUTF1 OUTF2 INF2
INF1
INR2
INR1
INS
INC
IG1
IG2
HIVOLB
VCCH
250kΩ
SEL
100kΩ
100kΩ
100kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
250kΩ
Block Diagram
Figure 3. Block Diagram
The outputs of Pin 27 and Pin 28 are selected by the input selector, from the inputs Pin 1 to Pin 17.
Otherwise, these signals are possible to output directly on Pin 35 to Pin 40.
6-channel input signals from DSP on Pin 29 to Pin 34 pass through the volume circuit (Fader) and 2
nd order post filter to the
output terminals Pin 35 to Pin 40 .
It is possible for 6-channel inputs to set the gain up to +6dB by Gain adjust function and to set the gain up to +8.3dB by Level
Shift Circuit (High-Voltage Mode).


Similar Part No. - BD37069FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37067FV-E2 ROHM-BD37067FV-E2 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37067FV-M ROHM-BD37067FV-M Datasheet
833Kb / 33P
   AEC-Q100 Qualified
BD37067FV-M ROHM-BD37067FV-M Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37068FV-E2 ROHM-BD37068FV-E2 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
More results

Similar Description - BD37069FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37068FV-M ROHM-BD37068FV-M_16 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
   6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com