Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3465FV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD3465FV-E2
Description  General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3465FV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD3465FV-E2 Datasheet HTML 2Page - Rohm BD3465FV-E2 Datasheet HTML 3Page - Rohm BD3465FV-E2 Datasheet HTML 4Page - Rohm BD3465FV-E2 Datasheet HTML 5Page - Rohm BD3465FV-E2 Datasheet HTML 6Page - Rohm BD3465FV-E2 Datasheet HTML 7Page - Rohm BD3465FV-E2 Datasheet HTML 8Page - Rohm BD3465FV-E2 Datasheet HTML 9Page - Rohm BD3465FV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
BD3465FV
6/28
TSZ02201-0C2C0E100380-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
Figure 4. Volume Gain vs Frequency
(0dB to +23dB)
Figure 3. Voltage Gain vs Frequency
Figure 2. Total Harmonic Distortion vs Output Voltage
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output Voltage : VOUT [Vrms]
Figure 1. Quiescent Current vs Supply Voltage
0
10
20
30
40
50
0
2
4
6
8
10
Supply Voltage : VCC [V]
-5
0
5
10
15
20
25
30
10
100
1k
10k
100k
Frequency : f [Hz]
-5
-4
-3
-2
-1
0
1
2
3
4
5
10
100
1k
10k
100k
Frequency : f [Hz]
Gain=0dB


Similar Part No. - BD3465FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3465FV ROHM-BD3465FV Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD3465FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Hitachi Semiconductor
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Renesas Technology Corp
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
   4ch Electronic Volume with 5.1ch Analog Input
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com