Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3308FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BA3308FV-E2
Description  Preamps with Built-in ALC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308FV-E2 Datasheet(HTML) 5 Page - Rohm

  BA3308FV-E2 Datasheet HTML 1Page - Rohm BA3308FV-E2 Datasheet HTML 2Page - Rohm BA3308FV-E2 Datasheet HTML 3Page - Rohm BA3308FV-E2 Datasheet HTML 4Page - Rohm BA3308FV-E2 Datasheet HTML 5Page - Rohm BA3308FV-E2 Datasheet HTML 6Page - Rohm BA3308FV-E2 Datasheet HTML 7Page - Rohm BA3308FV-E2 Datasheet HTML 8Page - Rohm BA3308FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Technical Note
5/9
BA3308F,BA3308FV
www.rohm.com
2012.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●Description of operations
1.
Recording
1)
Record amplifier
2)
ALC
Fig.5
BA3308
Cont
ch2
(ch1)
ch2
(ch1)
ch1
(ch2)
2 (8)
1 (9)
3 (7)
5
3.9k
10
F
INPUT
39
18k
1M
100
F
10
F
22
F
OUTPUT
R1
(R2)
R3
(R4)
R5
(R6)
R7
(R8)
C1
(C2)
C3
(C4)
C5
(C6)
C7
(C8)
Fig.14
The BA3308F/FV has an on-chip signal rectifier and electronic
volume needed for ALC. The signal rectifier compares the direct
current output voltage that is superposed in the output stage (1, 7pin)
signal to the reference voltage 4.5VF (≒3V; 1VF is approximately
0.7V) in the comparator circuit and if the output voltage is higher, it
turns the comparator ON to charge the smoothing capacitor C7.
Since the operation point of the output stage of amplifier ch1 and ch2
is fixed at 3VF, the comparator turns ON when the peak value of the
signal output voltage is 1.5VF (effective value approx. 0.75V). Once
the direct current signal for electronic volume is controlled, ALC
operation starts. The electronic volume, which is connected between
the input line (13, 9pin) and GND, causes the input signal to
attenuate according to the ratio of the external resistance (R1, R2) to
the resistance value of the electronic volume. The ALC range varies
according to the values of R1 and R2. For small ALC variation the
S/N will determinate an adequate ALC range is obtained by applying
several k
Ω of the R1 and R2. The attack time and recovery time of
ALC are set according to C7 and R7 of 4pin. If the time constants
(C7, R7) are large, the recovery time will be long and as C7 becomes
smaller, and the attack time will be shorter.
The BA3308F/FV amplifier of ch1 and ch2 input stage
(13pin, 9pin) can be direct coupled or use coupling
capacitors (C1/C2). The voltage gain of the record amplifier
is determined by GV=R5/R3. The R5/R6, and C3/R3 regulate
control of the pop noise that occurs at power-on (see
“Cautions on use”) and direct current bias fed back is set by
R5/R6 and C5/C6 at the output stage.
13(9)
11(10)
1 (7)
4
Fig.6
ch2
(ch1)
ch2
(ch1)
ch1
(ch2)
Cont
Comp
BA3308
3 (7)
5
2 (8)
4.5VF
VOUT (DC
AC)
3VF
R7
C7
R1
(R2)
Fig.15
1 (7)
4
13(9)


Similar Part No. - BA3308FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308FV-E2 ROHM-BA3308FV-E2 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
More results

Similar Description - BA3308FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_10 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com