Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39020DTPU13R Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD39020DTPU13R
Description  200 mA very low quiescent current linear regulator IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020DTPU13R Datasheet(HTML) 3 Page - STMicroelectronics

  LD39020DTPU13R Datasheet HTML 1Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 2Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 3Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 4Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 5Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 6Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 7Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 8Page - STMicroelectronics LD39020DTPU13R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LD39020
List of tables
DocID025316 Rev 3
3/30
List of tables
Table 1: Pin description ..............................................................................................................................6
Table 2: Absolute maximum ratings ...........................................................................................................8
Table 3: Thermal data.................................................................................................................................8
Table 4: ESD Performance .........................................................................................................................8
Table 5: Electrical characteristics for LD39020T, LD39020DT...................................................................9
Table 6: Electrical characteristics for LD39020AT, LD39020ADT............................................................10
Table 7: DFN 1x1-4L mechanical data .....................................................................................................20
Table 8: SOT23-5L mechanical data ........................................................................................................22
Table 9: SOT23-5L tape and reel mechanical data ..................................................................................24
Table 10: DFN1x1-4L order code .............................................................................................................25
Table 11: SOT23-5L order code ..............................................................................................................28
Table 12: Document revision history ........................................................................................................29


Similar Part No. - LD39020DTPU13R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
   Very low noise without bypass capacitor
February 2014 Rev 4
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39020DTPU13R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com