Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS12J1003ET Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part No. AS12J1003ET
Description  Reduction of assembly costs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AS12J1003ET Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  AS12J1003ET Datasheet HTML 1Page - Ohmite Mfg. Co. AS12J1003ET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
7
c h A r A cteri S tic S
AS Series
Anti-surge Thick Film Chip Resistors
Series
L
W
H
a
b
AS08 2.00 ±0.15 1.25 +0.15/-0.10 0.55 ±0.10 0.40 ±0.20 0.40 ±0.20
AS12 3.10 ±0.15 1.55 +0.15/-0.10 0.55 ±0.10 0.45 ±0.20 0.45 ±0.20
AS25 6.35 ±0.10
3.10 ±0.15
0.55 ±0.10 0.60 ±0.25 0.50 ±0.20
Series
Packaging
Qty./reel
A
B
T
W
AS08
Paper
5,000 pcs. 1.65
2.40
0.81
10
AS12
Paper
5,000 pcs. 2.00
3.60
0.81
10
AS25 Embossed 4,000 pcs. 3.50
6.70
1.0
13.8
Dimen S ion S
(mm)
or D erin G in F orm Ation
Standard Part Numbers
Tape and Reel
0805
AS08J1R00ET
AS08J10R0ET
AS08J1000ET
AS08J1001ET
AS08J1002ET
AS08J1003ET
AS08J1004ET
1206
AS12J1R00ET
AS12J10R0ET
AS12J1000ET
AS12J1001ET
AS12J1002ET
AS12J1003ET
AS12J1004ET
2512
AS25J1R00ET
AS25J10R0ET
AS25J12R0ET
AS25J15R0ET
AS25J22R0ET
AS25J1000ET
AS25J1001ET
AS25J1002ET
AS25J1003ET
AS25J1004ET
a
a
b
b
Pulse Curve
Lightning Surge
178 ±2
60 ±1
13 ±.5
2 ±.5
W ±1
21 ±.5
A ±.2
B ±.2
T ±.1
1.5 +0.1/-0
1.75 ±.1
3.5 ±0.05
4.0 ±.1
8.0 ±.2
Paper
Embossed
2.0 ±.05
A ±.2
B ±.2
1.0 ±.1
1.5 +0.1/-0
1.5 +0.1/-0
1.75 ±.1
3.5 ±0.05
4.0 ±.1
8.0 ±.2
2.0 ±.05
AS08J1004ET
RoHS
compliant
Ohms
First 3 digits are
significant; 4th digit
is multiplier. Values
below 100 ohms use
"R" as a decimal
holder.
examples:
1001 = 1000 ohms
1502 = 15000 ohms
Tolerance
J = 5%
standard
for E24
values
Series
AS08= 0805
AS12= 1206
AS25= 2512
TCR
T= tape and
reel: 0805 and
1206 paper
tape; 2512
embossed tape.
Single
AS25
AS12
AS08
AS25
AS12
AS08
Continuous (100K )
AS25
AS12
AS08
1.2/50µs Lightning Surge
Resistance (Ω)
10,000
1,000
100
10
1
10
100
1K
10K
1M
100K


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn