Electronic Components Datasheet Search |
|
AS12J1001ET Datasheet(PDF) 1 Page - Ohmite Mfg. Co. |
|
AS12J1001ET Datasheet(HTML) 1 Page - Ohmite Mfg. Co. |
1 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 6 AS Series Anti-surge Thick Film Chip Resistors Fe A ture S •Smallsizeandlightweight •Suitableforbothwaveandreflowsoldering •Canwithstandhighsurge •Reductionofassemblycosts Serie S S peci F ic Ation S c h A r A cteri S tic S Power Max Max Dielectric Rating Working Overload Withstanding Resistance Type at 70°C Voltage Voltage Voltage Range AS08 (0805) 0.33W 150V 300V 500V 1Ω~10MΩ AS12 (1206) 0.5W 200V 400V 500V 1Ω~10MΩ AS25 (2512) 1.5W 500V 500V 500V 1Ω~20MΩ Std. Oper. Temp. -55°C ~ +155°C Standard Values E-24 values Construction Thick film Tolerance ±5% standard; ±10% and ±20% available Derating Reflow 100 Ambient Temperature, °C 60 20 0 80 40 050 100 155 70 -55 300 Time Preheating 150° ~ 180° 90 ±30sec. Soldering Cooling 200 50 0 250 100 150 230° ~ 245°/250° 20 ±10sec. Test ΔR Test Methods (JIS C 5201-1 ) Temperature Coefficient 1Ω-10Ω: ≤ ±400PPM/°C (±200 PPM can be provid- ed on a case to case basis) 11Ω-10MΩ: ≤ ±100PPM/°C Natural ΔR/°C R2-R1 x 106 (PPM/°C) R1(t2-t1) R1: at room temp. (T1) R2: at room temp. plus 100°C (T2) Test pattern: room temp. (T1), room temp. +100°C(T2) Short Time Overload ±(1.0% + 0.1Ω) max. Permanent ΔR after the application of a potential of 2.5 times RCWV for 5 sec. Terminal Bending ±(1.0% + 0.05Ω) max. Twist of Test Board: Y/X = 3/90 mm for 60 sec. Soldering Heat ±(1.0% + 0.05Ω) max. 260°C±3°C for 10 ±1 sec. Single Pulse ±(1.0% + 0.1Ω) max. See graph on next page. Humidity ±(3.0% + 0.1Ω) max. Temporary ΔR after 240 hr. at 40 ±2°C and 90-95% relative humidity Load Life in Humidity ±(3.0% + 0.1Ω) max. ΔR after 1,000 hr. (1.5 hr. "on", 0.5 hr. "off" ) at RCWV at 40 ±2°C and 90-95% relative humidity Load Life ±(3.0% + 0.1Ω) max. ΔR change after 1,000 hr. operat- ing at RCWV, with duty cycle of (1.5 hours"on", 0.5 hour"off") at 70°C ±2°C ambient Solderability Min. 95% coverage Wave Solder: 245°C ±3°C for 2-3 sec. Temperature Cycling ±(1.0% + 0.05Ω) max. ΔR after 5 cycles: -55°C ±3°C 30 min. Room temp. 10-15 min. +155°C ±2°C 30 min. 4 Room temp. 10-15 min. Dielectric withstanding voltage No evidence of flashover, mechanical damage, arcing or insulation breakdown Clamped in the trough of a 90°C metal- lic v-block at specified AC potential 60-70 sec. |
Similar Part No. - AS12J1001ET |
|
Similar Description - AS12J1001ET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |