Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2930 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM2930
Description  3-Terminal Positive Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2930 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM2930 Datasheet HTML 1Page - National Semiconductor (TI) LM2930 Datasheet HTML 2Page - National Semiconductor (TI) LM2930 Datasheet HTML 3Page - National Semiconductor (TI) LM2930 Datasheet HTML 4Page - National Semiconductor (TI) LM2930 Datasheet HTML 5Page - National Semiconductor (TI) LM2930 Datasheet HTML 6Page - National Semiconductor (TI) LM2930 Datasheet HTML 7Page - National Semiconductor (TI) LM2930 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Definition of Terms (Continued)
Schematic Diagram
Maximum Power Dissipation
(TO-263) (Note 2)
DS005539-9
DS005539-10
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE1900 Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1  2  NTE Electronics
H7808AA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
H78M06AT 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
KA317M 3-Terminal 0.5A Positive Adjustable Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS78M05C 3-Terminal Medium Current Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7806XJ3 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Cystech Electonics Corp.
NTE1932 Integrated Circuit 3-Terminal Positive Voltage Regulator 10V 1A 1  2  NTE Electronics
H7808AE 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
H78M08AT 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
TS317CP 3-Terminal Adjustable Output Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn