Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411CD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411CD Datasheet(HTML) 3 Page - Texas Instruments

  TMP411CD Datasheet HTML 1Page - Texas Instruments TMP411CD Datasheet HTML 2Page - Texas Instruments TMP411CD Datasheet HTML 3Page - Texas Instruments TMP411CD Datasheet HTML 4Page - Texas Instruments TMP411CD Datasheet HTML 5Page - Texas Instruments TMP411CD Datasheet HTML 6Page - Texas Instruments TMP411CD Datasheet HTML 7Page - Texas Instruments TMP411CD Datasheet HTML 8Page - Texas Instruments TMP411CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
TMP411
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE ERROR
Local Temperature Sensor
TELOCAL
TA = −40°C to +125°C
±1.25
±2.5
°C
TA = +15°C to +85°C, VS = 3.3V
±0.0625
±1
°C
Remote Temperature Sensor(1)
TEREMOTE
TA = +15°C to +75°C, TDIODE = −40°C to +150°C, VS = 3.3V
±0.0625
±1
°C
TA = −40°C to +100°C, TDIODE = −40°C to +150°C, VS = 3.3V
±1
±3
°C
TA = −40°C to +125°C, TDIODE = −40°C to +150°C
±3
±5
°C
vs Supply
Local/Remote
VS = 2.7V to 5.5V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
One-Shot Mode
105
115
125
ms
Resolution
Local Temperature Sensor (programmable)
9
12
Bits
Remote Temperature Sensor
12
Bits
Remote Sensor Source Currents
High
Series Resistance 3k
Ω Max
120
µA
Medium High
60
µA
Medium Low
12
µA
Low
6
µA
Remote Transistor Ideality Factor
η
TMP411 Optimized Ideality Factor
1.008
SMBus INTERFACE
Logic Input High Voltage (SCL,
SDA)
VIH
2.1
V
Logic Input Low Voltage (SCL, SDA)
VIL
0.8
V
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
Logic Input Current
−1
+1
µA
SMBus Input Capacitance (SCL, SDA)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout
25
30
35
ms
SCL Falling Edge to SDA Valid Time
1
µs
DIGITAL OUTPUTS
Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
High-Level Output Leakage Current
IOH
VOUT = VS
0.1
1
µA
ALERT/THERM2 Output Low Sink Current
ALERT/THERM2 Forced to 0.4V
6
mA
THERM Output Low Sink Current
THERM Forced to 0.4V
6
mA
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Quiescent Current
IQ
0.0625 Conversions per Second, VS = 3.3V
28
30
µA
Eight Conversions per Second, VS = 3.3V
400
475
µA
Serial Bus Inactive, Shutdown Mode
3
10
µA
Serial Bus Active, fS = 400kHz, Shutdown Mode
90
µA
Serial Bus Active, fS = 3.4MHz, Shutdown Mode
350
µA
Undervoltage Lock Out
2.3
2.4
2.6
V
Power-On Reset Threshold
POR
1.6
2.3
V
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Storage Range
−60
+130
°C
Thermal Resistance
MSOP-8, SO-8
150
°C/W
(1) Tested with less than 5Ω effective series resistance and 100pF differential input capacitance. TA is the ambient temperature of the TMP411. TDIODE is the
temperature at the remote diode sensor.


Similar Part No. - TMP411CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411CD TI-TMP411CD Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDG4 TI-TMP411CDG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDGKR TI-TMP411CDGKR Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDGKRG4 TI-TMP411CDGKRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDGKT TI-TMP411CDGKT Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411CD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com