Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5912Q2.8DRVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912Q2.8DRVRQ1
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912Q2.8DRVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5912Q2.8DRVRQ1 Datasheet HTML 7Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 8Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 9Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 10Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 11Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 12Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 13Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 14Page - Texas Instruments LP5912Q2.8DRVRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Frequency (Hz)
10 20
100
1000
10000
100000
1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D014
IOUT = 1 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
Frequency (Hz)
10 20
100
1000
10000
100000
1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D015
Frequency (Hz)
10 20
100
1000
10000
100000
1000000
1E+7
-120
-100
-80
-60
-40
-20
0
D012
IOUT = 1 mA
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
Frequency (Hz)
10 20
100
1000
10000
100000
1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D013
IOUT (mA)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
D059
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
Frequency (Hz)
10 20
100
1000
10000
100000
1000000
1E+7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D011
11
LP5912-Q1
www.ti.com
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
Figure 19. LP5912-3.3 IGND vs IOUT
VIN = 1.6 V
IOUT = 20 mA
Figure 20. LP5912-0.9 PSRR vs Frequency
VIN = 1.6 V
Figure 21. LP5912-0.9 PSRR vs Frequency
IOUT = 20 mA
Figure 22. LP5912-1.8 PSRR vs Frequency
Figure 23. LP5912-1.8 PSRR vs Frequency
IOUT = 20 mA
Figure 24. LP5912-3.3 PSRR vs Frequency


Similar Part No. - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912Q2.8DRVRQ1 TI1-LP5912Q2.8DRVRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912Q2.8DRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
TPS7A21-Q1 TI1-TPS7A21-Q1_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED AUGUST 2023
TPS7A21-Q1 TI-TPS7A21-Q1 Datasheet
4Mb / 30P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2022
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com