Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630FQDRRRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630FQDRRRQ1
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630FQDRRRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  LMR23630FQDRRRQ1 Datasheet HTML 1Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 2Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 3Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 4Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 5Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 6Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 7Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 8Page - Texas Instruments LMR23630FQDRRRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SW
SW
BOOT
VCC
FB
RT
PGND
NC
VIN
VIN
EN/
SYNC
AGND
1
2
3
4
5
6
12
11
10
9
8
7
PAD
13
1
2
3
4
5
6
12
11
10
9
8
7
PAD
13
SW
SW
BOOT
VCC
FB
PGOOD
PGND
NC
VIN
VIN
EN/
SYNC
AGND
PAD
9
AGND
EN/SYNC
VIN
PGND
SW
BOOT
VCC
FB
1
2
3
4
5
6
7
8
3
LMR23630-Q1
www.ti.com
SNVSAR6 – DECEMBER 2016
Product Folder Links: LMR23630-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Product Portfolio
Package
Part Number
Fixed 400kHz
Adjustable
Frequency
Power Good
FPWM
SOIC (8)
LMR23630AQDDARQ1
LMR23630AFQDDARQ1
WSON (12)
(Pin 6 is RT)
LMR23630QDRRRQ1
LMR23630FQDRRRQ1
WSON (12)
(Pin 6 is PGOOD)
LMR23630APQDRRRQ1
(1)
A = Analog, P = Power, G = Ground.
6 Pin Configuration and Functions
DDA Package
8-Pin SOIC
Top View
DRR Package
12-Pin WSON
Top View
DRR Package
12-Pin WSON
Top View
Pin Functions
PIN
I/O (1)
DESCRIPTION
NAME
NO.
SOIC-8
WSON-12
With RT
WSON-12
With
PGOOD
SW
1
1, 2
1, 2
P
Switching output of the regulator. Internally connected to both power MOSFETs.
Connect to power inductor.
BOOT
2
3
3
P
Boot-strap capacitor connection for high-side driver. Connect a high quality 100
nF capacitor from BOOT to SW.
VCC
3
4
4
P
Internal bias supply output for bypassing. Connect a 2.2 μF/ 16 V or higher
capacitance bypass capacitor from this pin to AGND. Do not connect external
loading to this pin. Never short this pin to ground during operation.
FB
4
5
5
A
Feedback input to regulator, connect the midpoint of feedback resistor divider to
this pin.
RT
N/A
N/A
6
A
Connect a resistor RT from this pin to AGND to program switching frequency.
Leave floating for 400 kHz default switching frequency.
PGOOD
N/A
6
N/A
A
Open drain output for power-good flag. Use a 10 kΩ to 100 kΩ pull-up resistor
to logic rail or other DC voltage no higher than 12 V.
EN/SYNC
5
8
8
A
Enable input to regulator. High = On, Low = Off. Can be connected to VIN. Do
not float. Adjust the input under voltage lockout with two resistors. The internal
oscillator can be synchronized to an external clock by coupling a positive pulse
into this pin through a small coupling capacitor. See Enable/Sync for detail.
AGND
6
7
7
G
Analog ground pin. Ground reference for internal references and logic. Connect
to system ground.
VIN
7
9, 10
9, 10
P
Input supply voltage.


Similar Part No. - LMR23630FQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630FQDRRRQ1 TI1-LMR23630FQDRRRQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results

Similar Description - LMR23630FQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com