Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554A Datasheet(PDF) 1 Page - Texas Instruments

Part # TCA9554A
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554A Datasheet(HTML) 1 Page - Texas Instruments

  TCA9554A_16 Datasheet HTML 1Page - Texas Instruments TCA9554A_16 Datasheet HTML 2Page - Texas Instruments TCA9554A_16 Datasheet HTML 3Page - Texas Instruments TCA9554A_16 Datasheet HTML 4Page - Texas Instruments TCA9554A_16 Datasheet HTML 5Page - Texas Instruments TCA9554A_16 Datasheet HTML 6Page - Texas Instruments TCA9554A_16 Datasheet HTML 7Page - Texas Instruments TCA9554A_16 Datasheet HTML 8Page - Texas Instruments TCA9554A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TCA9554A
Peripheral
Devices
I2C or SMBus
Master
(e.g. Processor)
SDA
SCL
INT
P0
P1
P2
P3
P4
P5
P6
P7
VCC
A1
GND
A0
,
ENABLE, or
control
inputs
or
status
outputs
• LEDs
RESET
INT
A2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TCA9554A
SCPS196D – DECEMBER 2010 – REVISED AUGUST 2015
TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt
Output and Configuration Registers
1 Features
3 Description
The TCA9554A is a 16-pin device that provides 8 bits
1
I2C to Parallel Port Expander
of
general
purpose
parallel
input/output
(I/O)
Open-Drain Active-Low Interrupt Output
expansion for the two-line bidirectional I2C bus (or
Operating Power-Supply Voltage Range of 1.65 V
SMBus) protocol. The device can operate with a
to 5.5 V
power supply voltage ranging from 1.65 V to 5.5 V.
The device supports both 100-kHz (Standard-mode)
5-V Tolerant I/O Ports
and 400-kHz (Fast-mode) clock frequencies. I/O
400-kHz Fast I2C Bus
expanders such as the TCA9554A provide a simple
Three Hardware Address Pins Allow up to Eight
solution
when
additional
I/Os
are
needed
for
Devices on the I2C/SMBus
switches, sensors, push-buttons, LEDs, fans, and
other similar devices.
Input/Output Configuration Register
Polarity Inversion Register
The features of the TCA9554A include an interrupt
that is generated on the INT pin whenever an input
Internal Power-On Reset
port changes state. The A0, A1, and A2 hardware
Low Standby Current Consumption
selectable address pins allow up to eight TCA9554A
Power-Up With All Channels Configured as Inputs
devices on the same I2C bus. The device can also be
reset to its default sate by cycling the power supply
No Glitch on Power Up
and causing a power-on reset.
Noise Filter on SCL/SDA Inputs
Latched Outputs With High-Current Drive
Device Information(1)
Maximum Capability for Directly Driving LEDs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Latch-Up Performance Exceeds 100 mA Per
TSSOP (16)
5.00 mm × 4.40 mm
JESD 78, Class II
TCA9554A
SSOP (16)
4.90 mm × 3.90 mm
ESD Protection Exceeds JESD 22
SSOP (16)
6.20 mm × 5.30 mm
2000-V Human-Body Model (A114-A)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1000-V Charged-Device Model (C101)
2 Applications
Servers
Routers (Telecom Switching Equipment)
Personal Computers
Personal Electronics (e.g. Gaming Consoles)
Industrial Automation
Products With GPIO-Limited Processors
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TCA9554A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com