Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640R2FRGZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FRGZT
Description  SimpleLink Bluetooth low energy Wireless MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FRGZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2640R2FRGZT Datasheet HTML 7Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 8Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 9Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 10Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 11Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 12Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 13Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 14Page - Texas Instruments CC2640R2FRGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
A1
A2
A3
A4
B1
B2
B3
B4
D5
B5
E6
B6
C2
C3
C4
C5
C6
D6
C1
D1
D2
D3
D4
E1
E2
E3
E4
E5
F1
F2
F3
F4
F5
F6
11
CC2640R2F
www.ti.com
SWRS204 – DECEMBER 2016
Submit Documentation Feedback
Product Folder Links: CC2640R2F
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
(1)
For more details, see the technical reference manual (listed in Section 8.3).
(2)
Do not supply external circuitry from this pin.
4.5
Pin Diagram – YFV (Chip Scale, DSBGA) Package
Figure 4-3. YFV (2.7-mm × 2.7-mm) Pinout, Top View
4.6
Signal Descriptions – YFV (Chip Scale, DSBGA) Package
Table 4-3. Signal Descriptions – YFV Package
NAME
NO.
TYPE
DESCRIPTION
DCDC_SW
D1
Power
Output from internal DC-DC(1)
DCOUPL
F3
Power
1.27-V regulated digital-supply decoupling(2)
DIO_0
C5
Digital I/O
GPIO, Sensor Controller
DIO_1
F6
Digital I/O
GPIO, Sensor Controller
DIO_2
D5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
E5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
F5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5
E3
Digital I/O
GPIO, High-drive capability, JTAG_TDO
DIO_6
F1
Digital I/O
GPIO, High-drive capability, JTAG_TDI
DIO_7
D2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
D3
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
A1
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_10
C2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_11
B2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_12
D4
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_13
B3
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
E4
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
F2
Digital I/O
JTAG TCKC
RESET_N
E2
Digital input
Reset, active-low. No internal pullup.
RF_N
B6
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal to PA during TX
RF_P
B5
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal to PA during TX


Similar Part No. - CC2640R2FRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com