Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA200TS60U Datasheet(PDF) 2 Page - International Rectifier

Part # GA200TS60U
Description  HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA200TS60U Datasheet(HTML) 2 Page - International Rectifier

  GA200TS60U Datasheet HTML 1Page - International Rectifier GA200TS60U Datasheet HTML 2Page - International Rectifier GA200TS60U Datasheet HTML 3Page - International Rectifier GA200TS60U Datasheet HTML 4Page - International Rectifier GA200TS60U Datasheet HTML 5Page - International Rectifier GA200TS60U Datasheet HTML 6Page - International Rectifier GA200TS60U Datasheet HTML 7Page - International Rectifier GA200TS60U Datasheet HTML 8Page - International Rectifier GA200TS60U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GA200TS60U
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
903 1355
VCC = 400V, VGE = 15V
Qge
Gate - Emitter Charge (turn-on)
125
188
nC
IC = 135A
Qgc
Gate - Collector Charge (turn-on)
306
459
TJ = 25°C
td(on)
Turn-On Delay Time
342
RG1 = 27Ω, RG2 = 0Ω,
tr
Rise Time
194
ns
IC = 200A
td(off)
Turn-Off Delay Time
366
VCC = 360V
tf
Fall Time
213
VGE = ±15V
Eon
Turn-On Switching Energy
12
mJ
Eoff (1)
Turn-Off Switching Energy
16
Ets (1)
Total Switching Energy
28
39
Cies
Input Capacitance
20068
VGE = 0V
Coes
Output Capacitance
1254
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
261
ƒ = 1 MHz
trr
Diode Reverse Recovery Time
179
ns
IC = 200A
Irr
Diode Peak ReverseCurrent
120
A
RG1 = 27Ω
Qrr
Diode Recovery Charge
10714 —
µC
RG2 = 0Ω
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
1922
A/µs
VCC = 360V
During tb
di/dt
=1300A/µs
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
VGE = 0V, IC = 1mA
VCE(on)
Collector-to-Emitter Voltage
1.8
2.2
VGE = 15V, IC = 200A
1.9
V
VGE = 15V, IC = 200A, TJ = 125°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
IC = 1.25mA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage —
-11
mV/°C VCE = VGE, IC = 1.25mA
gfe
Forward Transconductance
„
175
S
VCE = 25V, IC = 200A
ICES
Collector-to-Emitter Leaking Current
1.0
mA
VGE = 0V, VCE = 600V
——
10
VGE = 0V, VCE = 600V, TJ = 125°C
VFM
Diode Forward Voltage - Maximum
3.7
V
IF = 200A, VGE = 0V
3.7
IF = 200A, VGE = 0V, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
250
nA
VGE = ±20V
Dynamic Characteristics - TJ = 125°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - GA200TS60U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA200TS60UPBF VISHAY-GA200TS60UPBF Datasheet
239Kb / 9P
   "Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 200 A
Revision: 04-May-10
logo
International Rectifier
GA200TS60UX IRF-GA200TS60UX Datasheet
205Kb / 9P
   Ultra-FastTM Speed IGBT
More results

Similar Description - GA200TS60U

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
GA150TS60U ICST-GA150TS60U Datasheet
221Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT
logo
International Rectifier
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA400TD60U IRF-GA400TD60U Datasheet
239Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK Ultra-FastTM Speed IGBT
GA150TD120U IRF-GA150TD120U Datasheet
298Kb / 10P
   HALF-BRIDGE IGBT DOUBLE INT-A-PAK Ultra-FastTM Speed IGBT
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE" IGBT INT-A-PAK
GA50TS120U IRF-GA50TS120U Datasheet
220Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA200HS60S IRF-GA200HS60S Datasheet
101Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS120U IRF-GA100TS120U Datasheet
269Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com