Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25160-S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FM25160-S
Description  16Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM25160-S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM25160-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Ramtron
FM25160
12 May 2000
8/14
Data Retention and Endurance
Data
retention
is
specified
in
the
electrical
specifications below. For purposes of clarity, this
section contrasts the retention and endurance of
FRAM with EEPROM. The retention performance of
FRAM is very comparable to EEPROM in its
characteristics. However, the effect of endurance
cycles on retention is different.
A
typical
EEPROM
has
a
write
endurance
specification that is fixed. Surpassing the specified
level of cycles on an EEPROM usually leads to a
hard memory failure. By contrast, the effect of
increasing cycles on FRAM produces an increase in
the soft error rate. That is, there is a higher likelihood
of data loss but the memory continues to function
properly. A hard failure would not occur by simply
exceeding the endurance specification; simply a
reduction in data retention reliability. While enough
cycles would cause an apparent hard error, this is
simply a very high soft error rate. This characteristic
makes it problematic to assign a fixed endurance
specification.
Endurance is a soft specification. Therefore, the user
may operate the device with different levels of
endurance cycling for different portions of the
memory. For example, critical data needing the
highest reliability level could be stored in memory
locations that receive comparatively few cycles. Data
with shorter-term use could be located in an area
receiving many more cycles. A scratchpad area,
needing little if any retention can be cycled until there
is virtually no retention capability remaining. This
would occur several orders of magnitude above the
endurance spec.
Internally, a FRAM operates with a read and restore
mechanism similar to a DRAM. Therefore, endurance
cycles are applied for each access: read or write. The
FRAM architecture is based on an array of rows and
columns. Each access causes a cycle for an entire
row.
Therefore,
data
locations
targeted
for
substantially differing numbers of cycles should not
be located within the same row. In the FM25160,
there are 256 rows each 64 bits wide. Each 8 bytes in
the address mark the beginning of a new row.
Figure 8 Memory Write
Figure 9 Memory Read


Similar Part No. - FM25160-S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM2514 FUMAN-FM2514 Datasheet
132Kb / 4P
   USB charge controller
More results

Similar Description - FM25160-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com