Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU60R1K5CE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPU60R1K5CE
Description  600V CoolMOS짧 CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU60R1K5CE Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPU60R1K5CE Datasheet HTML 1Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 2Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 3Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 4Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 5Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 6Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 7Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 8Page - Infineon Technologies AG IPU60R1K5CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
600VCoolMOSªCEPowerTransistor
IPD60R1K5CE,IPU60R1K5CE
2016-03-31
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
5
3.2
A
TC=25°C
TC=100°C
Pulsed drain current
2)
ID,pulse
-
-
8
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
26
mJ
ID=0.6A; VDD=50V; see table 11
Avalanche energy, repetitive
EAR
-
-
0.09
mJ
ID=0.6A; VDD=50V; see table 11
Avalanche current, repetitive
IAR
-
-
0.6
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...480V
Gate source voltage (static)
VGS
-20
-
20
V
static;
Gate source voltage (dynamic)
VGS
-30
-
30
V
AC (f>1 Hz)
Power dissipation
TO-251, TO252
Ptot
-
-
49
W
TC=25°C
Storage temperature
Tstg
-40
-
150
°C
-
Operating junction temperature
Tj
-40
-
150
°C
-
Continuous diode forward current
IS
-
-
3.5
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
8
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C
see table 9
Maximum diode commutation speed
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C
see table 9
2Thermalcharacteristics
Table3ThermalcharacteristicsTO-251,TO252
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
2.57
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W leaded
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s
1) Limited by Tj max. Maximum duty cycle D=0.50
2) Pulse width tp limited by Tj,max
3)IdenticallowsideandhighsideswitchwithidenticalRG


Similar Part No. - IPU60R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU60R1K5CE INFINEON-IPU60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPU60R1K5CE INFINEON-IPU60R1K5CE Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
logo
Inchange Semiconductor ...
IPU60R1K5CE ISC-IPU60R1K5CE Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPU60R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R2K1CE INFINEON-IPD60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPD60R1K5CE INFINEON-IPD60R1K5CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
IPA60R460CE INFINEON-IPA60R460CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPA60R400CE INFINEON-IPA60R400CE_16 Datasheet
1Mb / 17P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
IPAW60R280CE INFINEON-IPAW60R280CE Datasheet
1,012Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPS60R800CE INFINEON-IPS60R800CE Datasheet
948Kb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPAW60R600CE INFINEON-IPAW60R600CE Datasheet
985Kb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
IPU60R2K1CE INFINEON-IPU60R2K1CE_16 Datasheet
1Mb / 14P
   600V CoolMOS짧 CE Power Transistor
2016-03-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com