Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM516-076 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IRSM516-076
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM516-076 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRSM516-076 Datasheet HTML 6Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 7Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 8Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 9Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 10Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 11Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 12Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 13Page - Infineon Technologies AG IRSM516-076 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IRSM506-076
IRSM516-076 Series
10
February 10, 2016
Figure 7: Maximum sinusoidal phase current vs PWM switching frequency, no heat sink.
Space Vector Modulation, V+=320V, TA=28°C, TJ=98°C
The module contains an NTC
– connected between COM and the V
TH pin – which can be used to monitor the
temperature of the module. The NTC is effectively a resistor whose value decreases as the temperature rises.
The NTC resistance can be calculated at any temperature as follows:
������������ = ����25����
[����(
1
������������
1
����25
)] , where ����
25is 47k٠and ���� is 4050K
An external resistor network is connected to the NTC, the simplest of which is one resistor pulled up to VCC as
shown in Figure 3. The VTH vs NTC temperature, TTH curve for this configuration is shown in Figure 8 below. The
min, typical and max curves result from the NTC having a ±5% tolerance on its resistance and ±2% tolerance on
the B-parameter.
Figure 9 shows the thermistor temperature, TTH plotted against the high-side V-phase junction temperature, TJ for
a module without a heat sink. It is thus advisable to shut down the module when TTH reaches 125°C.
0
100
200
300
400
500
600
700
800
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
3-Phase Modulation
2-Phase Modulation


Similar Part No. - IRSM516-076

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM515-015DA INFINEON-IRSM515-015DA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-015DA2 INFINEON-IRSM515-015DA2 Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-015PA INFINEON-IRSM515-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-024DA INFINEON-IRSM515-024DA Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM515-024DA2 INFINEON-IRSM515-024DA2 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
More results

Similar Description - IRSM516-076

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com