Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM836-084MA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IRSM836-084MA
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-084MA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRSM836-084MA Datasheet HTML 6Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 7Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 8Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 9Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 10Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 11Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 12Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 13Page - Infineon Technologies AG IRSM836-084MA Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IRSM836-084MA
10
February 9, 2016
Module Pin-Out Description
Pin
Name
Description
1
HIN3
Logic Input for High Side Gate Driver - Phase 3
2
LIN1
Logic Input for Low Side Gate Driver - Phase 1
3
LIN2
Logic Input for Low Side Gate Driver - Phase 2
4
LIN3
Logic Input for Low Side Gate Driver - Phase 3
5
/FLT
Fault Output Pin
6
Itrip
Over-Current Protection Pin
7
EN
Enable Pin
8
RCin
Reset Programming Pin
9, 39
VSS, COM
Ground for Gate Drive IC and Low Side Gate Drive Return
10, 11,30,
37
U, VS1
Output 1, High Side Floating Supply Offset Voltage
12, 13
VR1
Phase 1 Low Side FET Source
14, 15
VR2
Phase 2 Low Side FET Source
16, 17, 38
V, VS2
Output 2, High Side Floating Supply Offset Voltage
18, 19
W, VS3
Output 3, High Side Floating Supply Offset Voltage
20, 21
VR3
Phase 3 Low Side FET Source
22-29
V+
DC Bus Voltage Positive
31
VB1
High Side Floating Supply Voltage 1
32
VB2
High Side Floating Supply Voltage 2
33
VB3
High Side Floating Supply Voltage 3
34
VCC
15V Supply
35
HIN1
Logic Input for High Side Gate Driver - Phase 1
36
HIN2
Logic Input for High Side Gate Driver - Phase 2b
36
35
34
33
32
31
30
29
28
21
20
17
16
11
1
9
8
7
6
5
4
3
Top View
2
27
10
19
18
37
38
39
12
13
14
15
23
22
25
24
26
Note
Pads 37 and 38 can be omitted
from the PCB footprint and hence
do not need to be soldered
All pins with the same name are
internally connected. For example,
pins 10, 11, 30 and 37 are
internally connected.


Similar Part No. - IRSM836-084MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-015MA IRF-IRSM836-015MA Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
logo
International Rectifier
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-024MA IRF-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM836-084MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com