Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGV Datasheet(PDF) 3 Page - Surge Components

Part # SGV
Description  High ripple current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGV Datasheet(HTML) 3 Page - Surge Components

  SGV Datasheet HTML 1Page - Surge Components SGV Datasheet HTML 2Page - Surge Components SGV Datasheet HTML 3Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
Vdc
Frequency (Hz)
50/60
120
1K
10K
100K
200 ~ 250
0.80
1.00
1.15
1.17
1.20
400 ~ 500
0.90
1.00
1.10
1.12
1.15
SGV Series
Case size & Permissible rated ripple current (mA rms) at
85℃ / 120Hz:
Vdc
ФD
uF
500
Ф 22
Ф 25
Ф30
Ф35
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
56
22×25
595
68
22×30
630
25×25
630
82
22×35
805
25×25
805
100
22×40
900
25×30
900
30×25
900
120
22×45
985
25×35
985
30×30
985
35×25
985
150
22×50
1350
25×40
1350
30×30
1350
35×25
1350
180
25×45
1400
30×35
1400
35×30
1400
220
25×50
1720
30×40
1720
35×30
1720
270
30×45
1865
35×35
1865
330
30×50
2030
35×40
2030
390
35×45
2225
470
35×50
2510
ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - SGV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SGV RUBYCON-SGV Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Lumberg
SGV LUMBERG-SGV Datasheet
117Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40
SGV LUMBERG-SGV Datasheet
279Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SGV LUMBERG-SGV Datasheet
207Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SGV LUMBERG-SGV Datasheet
348Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - SGV

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
logo
jb Capacitors Company
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
   High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
   High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
   High ripple current
JNG JBCAPACITORS-JNG Datasheet
433Kb / 4P
   High ripple current
logo
World Produts Inc.
PCPW235 WPI-PCPW235 Datasheet
104Kb / 5P
   High ripple current
logo
Kemet Corporation
C0402C100J8GACTU KEMET-C0402C100J8GACTU Datasheet
1Mb / 21P
   High ripple current capability
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
   High ripple current capability
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
   High ripple current, High reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com