Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74125 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DM74125
Description  Quad TRI-STATE Buffers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DM74125 Datasheet(HTML) 3 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 400X
Symbol
Parameter
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
15
ns
Low to High Level Output
tPHL
Propagation Delay Time
18
ns
High to Low Level Output
tPZH
Output Enable Time to
18
ns
High Level Output
tPZL
Output Enable Time to
25
ns
Low Level Output
tPHZ
Output Disable Time from
8ns
High Level Output
tPLZ
Output Disable Time from
14
ns
Low Level Output
Physical Dimensions inches (millimeters)
14-Lead Ceramic Dual-In-Line Package (J)
Order Number 54125DMQB or DM54125J
NS Package Number J14A
3


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54LS126QUAD TRI-STATE BUFFERS 1 2 3 National Semiconductor (TI)
54LS125Quad TRI-STATE Buffers 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54367Hex TRI-STATE Buffers 1 2 3 4 National Semiconductor (TI)
MAX5332.7V Low-Power 8-Bit Quad DAC with Rail-to-Rail Output Buffers 1 2 3 4 5 MoreMaxim Integrated Products
IN74HCT125AQUAD 3-STATE NONINVERTING BUFFERS 1 2 3 4 5 Integral Corp.
IN74VHCT126Quad 3-State Noninverting Buffers 1 2 3 4 5 MoreIntegral Corp.
54ACT240DMQBOctal Buffers/Line Drivers With TRI-State Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
DS26C31TCMOS Quad TRI-STATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54LS240Octal TRI-STATE Buffers/Line Drivers/Line Receivers 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX534+5V Low-Power 8-Bit Quad DAC with Rail-to-Rail Output Buffers 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn