Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-1393818-8 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 7-1393818-8
Description  Great variety of contact arrangements and materials to meet specific applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393818-8 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 7-1393818-8 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 5Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 6Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 7Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 8Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 9Page - TE Connectivity Ltd 7-1393818-8 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
10
AXICOM
Signal Relays
Cradle N Relay V23154/V23162 (Continued)
Product code
Version
Coil
Operate/Lim.Arrangement Contacts
Terminals
Enclosure PartNumber
V23162-H0XX, 5A, size II
V23162-H0712-F104
5A, size II
7VDC
3.6/10.5VDC 2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
4-1393819-1
V23162-H0719-F104
5A, size II
15VDC
9.1/24.5VDC 2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
4-1393819-3
V23162-H0721-F104
5A, size II
24VDC
14.5/40VDC
2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
5-1393819-2
V23162-H0721-F107
5A, size II
24VDC
14.5/40VDC
2 form B (2 NC)
Single
Solder, Au pl.
Hermet. sealed
1419147-7
V23162-H0722-F104
5A, size II
32VDC
22.6/54VDC
2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
5-1393819-5
V23162-H0704-F104
5A, size II
72VDC
48.4/114VDC 2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
4-1393819-0
V23162-H0703-F104
5A, size II
125VDC
81/190VDC
2 form C (2 CO)
Single
Solder, Au pl.
Hermet. sealed
3-1393819-9


Similar Part No. - 7-1393818-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1393818-8 TEC-7-1393818-8 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 7-1393818-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com