Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA08-800SWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA08-800SWRG
Description  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-800SWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTA08-800SWRG Datasheet HTML 1Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 2Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 3Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 4Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 5Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 6Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 7Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 8Page - STMicroelectronics BTA08-800SWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BTA08, BTB08 and T8 Series
5/11
Figure 7: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
and corresponding value of I2t
Figure 8: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
Figure 9: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
(typical values) (Snubberless & Logic level
types)
Figure 10: Relative variation of critical rate of
decrease of main current versus (dV/dt)c
(typical values) (Standard types)
Figure 11: Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 12: DPAK and D2PAK Thermal resistance
junction to ambient versus copper surface under
tab (printed circuit board FR4, copper thickness:
35 µm)
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
I t
2
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
T835/CW/BW
T810/SW
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j
0
4
8
1216202428323640
0
10
20
30
40
50
60
70
80
90
100
S(cm²)
R
(°C/W)
th(j-a)
DPAK
2
DPAK


Similar Part No. - BTA08-800SWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-800SWRG STMICROELECTRONICS-BTA08-800SWRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
BTA08-800SWRG STMICROELECTRONICS-BTA08-800SWRG Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - BTA08-800SWRG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com