Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

605SJR00375E-T Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 605SJR00375E-T
Description  Custom values available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

605SJR00375E-T Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  605SJR00375E-T Datasheet HTML 1Page - Ohmite Mfg. Co. 605SJR00375E-T Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
19
M
O
N
L
N
W1
øA
øc
øB
E
0.059
0.069
(1.75 ± 0.1)
(
1.5
)
W
0.157
(4.0 ± 0.1)
0.315
(8.0 ± 0.1)
0.079
(2.0)
T1
A
B
Direction of Feed
Embossed Carrier
+0.1
-0
p A ck A ging Speci F ic Ation S
inches (mm)
Tape
Type
A
B
W
T1
602SJR
0.057
0.134
0.079
0.098
(1.45 ± 0.2) (3.4 ± 0.2)
(2.0)
(2.5 ± 0.2)
605SJR
0.057
0.224
0.079
0.091
(1.45 ± 0.2) (5.7 ± 0.2)
(2.0)
(2.3 ± 0.2)
610SJR
0.461
0.169
0.945
___
(11.7 ± 0.1) (4.3 ± 0.1) (24.0 ± 0.2)
___
Reel
Type
A
B
C
E
W1
qty./reel
602SJR
10.0
3.15
0.511
0.079
1.0
2000
605SJR (255 +0.0 -3.0) (80 +1.0 -0) (13.0 ±0.2) (2.0 ±0.5) (25.5 ± 2.0)
610SJR
12.99
3.94
0.511
0.079
1.0
1500
(330 ± 2.0)
(100 ± 2.0) (13.0 ± 0.2) (2.0 ± 0.5) (25.5 ± 2.0)
Land pattern
Type
M
N
O
L
602SJR 0.622 (16.0) 0.118 (3.0)
0.150 (3.8) 0.394 (10.0)
605SJR 0.622 (16.0) 0.118 (3.0)
0.236 (6.0) 0.394 (10.0)
610SJR 0.369 (9.36) 0.121 (3.07) 0.142 (3.60) 0.127 (3.22)
Land pattern dimensions are for reference only
Standard Part Numbers for 60S Series
Wattage:
0.25 watt
0.5 watt
1 watt
Ohms
Series:
602SJR
605SJR
610SJR
0.00200Ω
605SJR00200E-T 610SJR00200E-T
0.00300Ω
602SJR00300E-T
610SJR00300E-T
0.00375Ω
605SJR00375E-T
0.00500Ω
602SJR00500E-T 605SJR00500E-T
0.00800Ω
605SJR00800E-T
������������ ��
Type &
Power Rating
602S = 0.25 watt
605S = 0.5 watt
610S = 1 watt
Ohms
R00200 = 0.00200�
R00300 = 0.00300�
R00375 = 0.00375�
Packaging
T= tape and reel
(optional)
Tolerance
J = 5%
RoHS Compliant
602SJR, 605SJR
L
H
W
L2
L2
L
W
610SJR
H
A
D
Copper Nickel
Alloy
Termination
L
L2
H
W
602SJR
0.39 ± .008
0.018 ± .008
0.024
0.118 ± .008
(10.0 ± 0.2)
(2 ± 0.2)
(0.6 ± 0.1)
(3.0 ± 0.2)
605SJR
0.39 ± .008
0.018 ± .008
0.079
0.20 ± .008
(10.0 ± 0.2)
(2 ± 0.2)
(2 max.)
(5.2 ± 0.2)
L
H
D
A
W
610SJR 0.44 ± .016 0.137 ± .016 0.095 ± .010 0.189 ± .030 0.126 ± .016
(11.2 ± 0.4)
(3.5 ± 0.4)
(2.35 ± 0.25)
(4.8 ± .75)
(3.2 ± 0.40)
dimen S ion S
inches (mm)
ordering in F orm Ation
M
O
N
L
N
60S Series
Surface Mount
Metal Plate Current Sense


Similar Part No. - 605SJR00375E-T

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
605SJR00375E-T OHMITE-605SJR00375E-T Datasheet
176Kb / 2P
   Surface Mount Metal Plate Current Sense
More results

Similar Description - 605SJR00375E-T

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4700 TTELEC-4700 Datasheet
348Kb / 4P
   Custom configuration available
logo
Laird Tech Smart Techno...
FG1523 LSTD-FG1523 Datasheet
1Mb / 1P
   Custom tuning available
logo
Recom International Pow...
RI-XX05S RECOM-RI-XX05S Datasheet
89Kb / 2P
   Custom Solutions Available
RN-XX3.3S RECOM-RN-XX3.3S Datasheet
104Kb / 2P
   Custom Solutions Available
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
logo
Central Technologies
CTDD3120DF-D1R5K-3 CT-CTDD3120DF-D1R5K-3 Datasheet
537Kb / 2P
   Custom service available
logo
Laird Tech Smart Techno...
FG1563 LSTD-FG1563 Datasheet
1Mb / 1P
   Custom tuning available
FG4700 LSTD-FG4700 Datasheet
442Kb / 1P
   Custom tuning available
FG24005 LSTD-FG24005 Datasheet
1Mb / 1P
   Custom tuning available
FG1520 LSTD-FG1520 Datasheet
1Mb / 1P
   Custom tuning available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com